Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS18 Fiches technique(PDF) 3 Page - Suntan Capacitors

No de pièce TS18
Description  MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS18 Fiches technique(HTML) 3 Page - Suntan Capacitors

  TS18 Datasheet HTML 1Page - Suntan Capacitors TS18 Datasheet HTML 2Page - Suntan Capacitors TS18 Datasheet HTML 3Page - Suntan Capacitors TS18 Datasheet HTML 4Page - Suntan Capacitors TS18 Datasheet HTML 5Page - Suntan Capacitors TS18 Datasheet HTML 6Page - Suntan Capacitors TS18 Datasheet HTML 7Page - Suntan Capacitors TS18 Datasheet HTML 8Page - Suntan Capacitors TS18 Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Suntan®
TS18
5. Insulation Resistance
Dielectrics
Specification
Testing Condition
NPO/X7R/
X5R/Y5V
More than 10 GΩ or 500Ω·F,
whichever is smaller.
Rated voltage for 60±5sec, at 25℃
6. Dielectric Strength
Dielectrics
Specification
Testing Condition
NPO /X7R/X5R/Y5V
No defects or abnormalities.
No failure shall be observed when 300%
(NPO);250%(X7R/ X5R/Y5V)of the rated
voltage is applied between the terminations fo
1 to 5 seconds, provided the charge /discharge
current is less than 500mA
7. Temperature Coefficient of Capacitance
Dielectrics
Specification
Testing Condition
NPO
Temperature coefficient within
±30ppm/℃
Cp drift within ±0.2% or ±0.05pF
Measure capacitance under follow table list
temperature:
STEP NPO, X7R
X5R
Y5V
1
25 ±2
25 ±2
25 ±2
2
-55±3
-55±3
-30±3
X7R/X5R
Capacitance change within ±15%
3
4
5
25 ±2
125±3
25 ±2
25 ±2
85±3
25 ±2
25 ±2
85±3
25 ±2
Y5V
Capacitance change within +22%,
-82%
1) NPO
The capacitance drift is calculated by
dividing the differences between the
maximum and minimum measured values in
the step 1,3 and 5.
The temperature coefficient is determined
using the Capacitance measured in step 3 as
a reference.
2) X7R ,X5R and Y5V
The ranges of capacitance change compared
within the above 25℃ value over the
temperature ranges shall be within the
specified ranges.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS18

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
TS18 CUI-TS18 Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-160-SMT-TR CUI-TS18-5-15-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-260-SMT-TR CUI-TS18-5-15-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-160-SMT-TR CUI-TS18-5-17-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-260-SMT-TR CUI-TS18-5-17-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
More results

Description similaire - TS18

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com