Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS13DG-CD263 Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TS13DG-CD263
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DG-CD263 Fiches technique(HTML) 1 Page - Suntan Capacitors

  TS13DG-CD263 Datasheet HTML 1Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 2Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 3Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , G E N E R A L , F O R S W I T C H I N G P O W E R S U P P L I E S
TS13D CD263
F E A T U R E S
Load life of 2000 hours at 105℃
Low impedance, High ripple current
High performance and reliability
For switching mode power supplies (SMPS)
and industry electronics
Specifications
ITEMS PERFORMANCE
CHARACTERISTI C S
Operating Temperature Range(℃)
-40~+105
-25~+105
Rated Voltage Range (V)
6.3~100
160~400
Capacitance Tolerance
(25℃, 120Hz)
±
20%
0.01 CV or 3 whichever is greater. (at 25℃, after 2 minutes)
CV≤ 1000:0.1CV+40 (at 25℃, after 1 minute)
CV≥ 1000:0.04CV+100 (at 25℃, after 1 minute)
Leakage Current(μA)
C: Nominal Capacitance (μF) V: Rated Voltage (V)
Dissipation Factor
(25℃, 120Hz)
Rated Voltage(V)
6.3
10
16
25
35
50
63
100
160
200
250
315
350
400
Tan δ
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
0.15
0.15
0.15
0.20
0.20
0.20
When nominal capacitance is over 1000μF. Tan δshall be added 0.02 to the listed value with increase of every 1000μF
Temperature Stability
(120Hz)
Rated Voltage (V)
6.3
10
16
25
35
50
63
100
Rated Voltage (V)
160~250
315~400
Z-25℃/Z+20℃
4
3
2
Z-25℃/Z+20℃
3
Impedance
Ratio
Z-55℃/Z+20℃
8
6
4
3
Impedance
Ratio
Z-55℃/Z+20℃
8
6
Load Life
(+85℃)
Time
2000 hours. (ΦD 8,1000 hours)
Leakage current
Not more than the specified value.
Capacitance Change
Within±20% of initial value.
Dissipation factor
Not more than 200% of the specified value.
Shelf Life(105℃)
1000hours. No voltage applied. After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement.
Dimensions
mm
Multiplier for ripple current
Φ
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
7.5
Φ
d
0.5
0.6
0.8
a
1.0
L<16:1.0
L≥16:2.0
Frequency coefficient
Rated
Voltage(V)
Freq(Hz)
Cap (μF)
50
120
1K
10K
100K
0.1~4.7
0.4
0.7
0.8
1.0
10~47
0.5
0.8
0.9
1.0
100~220
0.7
0.9
0.9
1.0
330~1000
0.8
0.8
1.0
1.0
6.3~100
2200~15000
0.9
1.0
1.0
1.0
160~400
0.47~220
0.80
1.0
1.3
1.4
1.6
Temperature coefficient
Temerature(℃)
Rated Voltage(V)
+70
+85
+105
6.3~100
2.0
1.7
1.0
160~400
1.8
1.4
1.0
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS13DG-CD263

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS13DG-CD263 SUNTAN-TS13DG-CD263_17 Datasheet
107Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Description similaire - TS13DG-CD263

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com