Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS13CA Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TS13CA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13CA Fiches technique(HTML) 1 Page - Suntan Capacitors

  TS13CA Datasheet HTML 1Page - Suntan Capacitors TS13CA Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P
T Y P E
S E R I E S
TS13CA
F E A T U R E S
Extra low impedance with temperature range -55℃ to +105℃ and load life
of 2000-5000 hour
Impedance 5~25% less than KZ series
Lead – free soldering product is available subject to customers’ request
Specifications
I T E M S P E R F O R M A N C E
C H A R A C T E R I S T I C S
Operating
Temperature
Range
-55℃ ~ +105℃
Voltage Range
6.3~100V
Capacitance Range
3.3~6800μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
For Ø4~Ø10, After 2 minutes’ application of rated voltage, leakage current is not more than 0.01CV or 3μA, whichever is greater.
For Ø12.5~Ø16, After 1 minutes’ application of rated voltage, leakage current is not more than 0.03CV or 4μA, whichever is greater.
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
6.3
10
16
25
35
50
63
80
100
Tan δ (MAX)
Ø4~Ø10
0.26
0.19
0.16
0.14
0.12
0.10
0.08
0.08
0.07
Ø12.5~Ø16
0.26
0.22
0.18
0.16
0.14
0.10
0.08
0.08
0.07
Stability at
Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
6.3
10
16
25
35
50
63
80
100
Impedance ratio
ZT / Z20 (MAX)
Z-25℃ / Z+20℃
2
2
2
2
2
2
2
2
2
Z-40℃ / Z+20℃
3
3
3
3
3
3
3
3
3
Z-55℃ / Z+20℃
4
4
4
3
3
3
3
3
3
Load Life
After 5000 hours’ 2000 hours for Ø4~ Ø
6.3 and for Ø8*6.2 3000 hours for Ø
8*10.8~ Ø 10*13.5)application of rated
voltage at 105℃ capacitors meet the
characteristics requirements listed at
right
Capacitance Change
Within ± 30% of initial value
Tan δ
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 105℃ for 1000 hours, they meet the specified value for load life characteristics listed above.
Resistance to Soldering
Heat
After reflow soldering according and restored at room
temperature, they meet the characteristics requirements
listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102
Chip type
# Voltage mark for 6.3V is [6]
Re: Date code and series type-
1st digit for ear;
2nd digit for Quarter, 4 quarter
codes in one year are 1.4.7.0;
3rd character for Series, FZ series=F
Ø
DxL
4x5.8
5x5.8
6.3x5.8/7.7
8 x6.2
8x10.5
10x10.5/13.5
12.5 x13.5/16
16 x16.5/21.5
A
1.8
2.1
2.4
3.3
2.9
3.2
4.7
5.5
V
4.3
5.3
6.6
8.3
8.3
10.3
13
17
C
4.3
5.3
6.6
8.3
8.3
10.3
13
17
E
10
1.3
2.2
2.2
3.1
4.5
4.4
6.7
L
5.8
5.8
5.8/7.7
6.2
10.5
10.5/13.5
13.5
16.5/21.5
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS13CA

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13CA SUNTAN-TS13CA_17 Datasheet
239Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Description similaire - TS13CA

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com