Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS03 Datasheet(Fiches technique) 1 Page - Suntan Capacitors

Numéro de pièce TS03
Description  MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS03 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS03 Datasheet HTML 1Page - Suntan Capacitors TS03 Datenblatt HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Suntan®
MINIATURE SIZE, MO-INDUCTIVE, EPOXY DIP COATED
TS03
F E A T U R E S
The small size can be compared favourably with the staked film capacitor
Excellent self-healing property and reliability
Low dissipation factor
Epoxy resin powder coating provides the identical outer appearance.
SPECIFICA T IONS
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
CONSSTRUCTION
DC 50/63V, 100V, 160V, 250V, 400V
0.001 TO 10uF
±
5%, ±10%, ±20%
C
≤0.33Mfd, ≥18000MΩ
C>0.10Mfd :
≤1.0%(20℃, 1kHz)
C
≥0.10Mfd : ≤0.8%
C>0.10Mfd :
≤1.0% (20℃, 1kHz)
Metallized polyester film, epoxy resin coating
VDC
50/63V
100V
Mfd
L
T
H
d
P
L
T
H
d
P
0.01
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.012
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.015
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.018
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.022
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.5
0.6
7.5
0.027
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.033
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.039
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.047
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
0.056
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
7.3
4.5
8.0
0.6
5
7.3
4.5
8.0
0.6
5
0.068
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
7.3
4.5
8.0
0.6
5
7.3
4.5
8.0
0.6
5
0.082
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
7.8
5.5
9.5
0.6
5
7.3
4.5
9.5
0.6
5
0.1
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
7.3
4.5
9.5
0.6
5
7.3
4.5
9.5
0.6
5
0.12
10.2
4.5
8.0
0.6
7.5
10.5
4.5
8.0
0.6
7.5
8.0
5.0
10.0
0.6
5
8.0
5.0
10.0
0.6
5
0.15
10.2
4.5
9.0
0.6
7.5
10.5
4.5
9.0
0.6
7.5
8.0
5.0
10.0
0.6
5
8.0
5.0
10.5
0.6
5
0.18
10.2
4.5
9.0
0.6
7.5
10.5
4.5
9.0
0.6
7.5
8.0
5.0
10.0
0.6
5
8.0
5.5
11.0
0.6
5
0.22
10.2
5.0
9.5
0.6
7.5
10.5
5.0
9.5
0.6
7.5
8.0
5.0
10.0
0.6
5
8.0
6.0
11.5
0.6
5
0.27
10.2
5.5
9.5
0.6
7.5
11.0
5.5
10.0
0.6
7.5
8.0
5.0
10.0
0.6
5
8.0
6.5
12.0
0.6
5
0.33
10.2
5.5
9.5
0.6
7.5
11.0
5.5
11.5
0.6
7.5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn