Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6K2 Fiches technique(PDF) 1 Page - Rohm

No de pièce SM6K2
Description  4V Drive NchNch MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SM6K2 Fiches technique(HTML) 1 Page - Rohm

  SM6K2_1 Datasheet HTML 1Page - Rohm SM6K2_1 Datasheet HTML 2Page - Rohm SM6K2_1 Datasheet HTML 3Page - Rohm SM6K2_1 Datasheet HTML 4Page - Rohm SM6K2_1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM6K2
Transistors
Rev.B
1/4
4V Drive Nch+Nch MOS FET
SM6K2
Structure
External dimensions (Unit : mm)
Silicon N-channel
MOSFET transistor
Features
1) Two RHU002N06 chips in a SMT package.
2) Mounting possible with SMT3 automatic mounting machines.
3) Transistor elements are independent, eliminating mutual
interference.
4) Mounting cost and area can be cut in half.
Packaging specifications
Equivalent circuit
SM6K2
Type
T110
3000
Package
Code
Basic ordering unit (pieces)
Taping
Absolute maximum ratings (Ta=25
°C)
<It is the same ratings for the Tr1 and Tr2.>
Drain-source voltage
Gate-source voltage
Drain current
Drain reverse current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 With each pin mounted on the recommended lands.
VDSS
VGSS
IDR
PD
Tch
60
V
V
mA
mA
mW / TOTAL
°C
±20
200
ID
IDRP
mA
IDP
mA
800
200
800
300
mW / ELEMENT
200
150
Tstg
°C
−55 to +150
Symbol
Limits
Unit
Parameter
∗1
∗1
∗2
Thermal resistance
Parameter
°C / W / TOTAL
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ With each pin mounted on the recommended lands.
416.7
°C / W / ELEMENT
625
Each lead has same dimensions
SMT6
(6)
(5)
(4)
0.15
0.3
1.1
0.8
(3)
1.9
2.9
0.95
(2)
0.95
(1)
1pin mark
Abbreviated symbol : K2
∗1 Gate Protection Diode
∗2 Body Diode
(4)
(5)
(6)
(1)
(2)
(3)
∗1
∗1
∗2
∗2
(1) TR1 Drain
(2) TR2 Gate
(3) TR2 Source
(4) TR2 Drain
(5) TR1 Gate
(6) TR1 Source
A protection diode has been built in between the gate
and the source to protect against static electricity
when the product is in use.
Use the protection circuit when fixed voltages are exceeded.


Numéro de pièce similaire - SM6K2_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
   Switching (60V, 200mA)
More results

Description similaire - SM6K2_1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
US6K2 ROHM-US6K2 Datasheet
59Kb / 3P
   4V Drive NchNch MOS FET
RHK003N06T146 ROHM-RHK003N06T146 Datasheet
61Kb / 3P
   4V Drive Nch MOS FET
2SK2503 ROHM-2SK2503_1 Datasheet
97Kb / 6P
   4V Drive Nch MOS FET
2SK2094 ROHM-2SK2094_1 Datasheet
95Kb / 5P
   4V Drive Nch MOS FET
RSS095N05 ROHM-RSS095N05 Datasheet
130Kb / 5P
   4V Drive Nch MOS FET
RHK003N06FRA ROHM-RHK003N06FRA Datasheet
1Mb / 5P
   4V Drive Nch MOS FET
RHP030N03 ROHM-RHP030N03 Datasheet
56Kb / 3P
   4V Drive Nch MOS FET
RSR025N03TL ROHM-RSR025N03TL Datasheet
65Kb / 4P
   4V Drive Nch MOS FET
RSR020N06 ROHM-RSR020N06 Datasheet
199Kb / 4P
   4V Drive Nch MOS FET
RHK003N06 ROHM-RHK003N06 Datasheet
65Kb / 3P
   4V Drive Nch MOS FET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com