Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC807-16 Fiches technique(PDF) 1 Page - Rectron Semiconductor

No de pièce BC807-16
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC807-16 Fiches technique(HTML) 1 Page - Rectron Semiconductor

  BC807-16 Datasheet HTML 1Page - Rectron Semiconductor BC807-16 Datasheet HTML 2Page - Rectron Semiconductor BC807-16 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
Ldeally suited for automatic insertion
Epitaxial planar die construction
Complementary NPN type available(BC817)
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC807-16
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
2007-3
MAXIMUM RATINGS ( @ TA = 25oC unless otherwise noted )
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= -1V, IC= -100mA)
Collector cut-off current (VCB= -45V, IE=0)
Collector cut-off current (VCE= -40V, IB=0)
Emitter cut-off current (VEB= -4V, IC=0)
Collector-emitter saturation voltage (IC= -500mA, IB= -50mA)
Base-emitter saturation voltage (IC= -500mA, IB= -50mA)
Transition frequency (VCE= -5V, IC= -10mA, f= 100MHZ)
CHARACTERISTICS
MARKING
SYMBOL
UNITS
-
-
-
-
-0.2
-0.1
m
A
m
A
m
A
V
V
V
V
V
Collector-base breakdown voltage (IC= -10mA, IE=0)
Collector-emitter breakdown voltage (IC= -10mA, IB=0)
Emitter-base breakdown voltage (IE= -1mA, IC=0)
VCBO
VCEO
VEBO
IEBO
hFE(1)
ICBO
ICEO
VCE(sat)
VBE(sat)
fT
MAX
-50
-45
-5
-
100
100
MIN
0.055(1.40)
0.047(1.20)
-
-0.1
-50
-45
-0.5
-55 -150
0.3
-5
-
-
-
-
-1.2
MHZ
-0.7
250
BASE
EMITTER
COLLECTOR
*
*
*
1
1
2
3
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Collector current-continuous
Collector dissipation
Junction and storage temperature
CHARACTERISTICS
VALUE
SYMBOL
UNITS
A
W
oC
V
V
V
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
VCBO
VCEO
VEBO
TJ,Tstg
IC
PC
5A
NOTE: “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


Numéro de pièce similaire - BC807-16

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Tiger Electronic Co.,Lt...
BC807-16 TGS-BC807-16 Datasheet
1Mb / 3P
   TRANSISTOR (PNP)
More results

Description similaire - BC807-16

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com