Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0528A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0528A
Description  SAW Resonator 1000MHz SMD 3.0X3.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0528A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0528A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0528A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0528A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0528A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0528A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0528A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
Date code: Provided by planer each year
Year code: 9 for 2009,0 for 2010,…
F. FREUENCY CHARACTERISTICS


Numéro de pièce similaire - TC0528A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TC0528A GOLLEDGE-TC0528A Datasheet
237Kb / 6P
   SAW Resonator: 1000.0MHz
More results

Description similaire - TC0528A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0483A TAI-SAW-TC0483A Datasheet
404Kb / 6P
   SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
TC0671A TAI-SAW-TC0671A Datasheet
391Kb / 6P
   SAW Resonator 1600MHz SMD 3.0X3.0 mm(300KHz)
TC0340A TAI-SAW-TC0340A Datasheet
402Kb / 6P
   SAW Resonator 614.726 MHz SMD 3.0X3.0 mm
TC0537A TAI-SAW-TC0537A Datasheet
414Kb / 6P
   SAW Resonator 834.64 MHz SMD 3.0X3.0 mm
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0532A TAI-SAW-TC0532A Datasheet
403Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
MP01036 GOLLEDGE-MP01036 Datasheet
171Kb / 5P
   1000MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TA0724A TAI-SAW-TA0724A Datasheet
326Kb / 8P
   SAW Filter 2017MHz SMD 3.0X3.0 mm
TA0798A TAI-SAW-TA0798A Datasheet
312Kb / 8P
   SAW Filter 1795MHz SMD 3.0X3.0 mm
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com