Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BZX84C2V4 Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce BZX84C2V4
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C2V4 Fiches technique(HTML) 1 Page - Won-Top Electronics

  BZX84C2V4 Datasheet HTML 1Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 2Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 3Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84C2V4 – BZX84C39
1 of 4
© 2002 Won-Top Electronics
BZX84C2V4 – BZX84C39
350mW SURFACE MOUNT ZENER DIODE
Features
!
Planar Die Construction
L
!
350mW Power Dissipation
A
!
2.4 – 39V Nominal Zener Voltage
!
5% Standard Vz Tolerance
!
Designed for Surface Mount Application
B
C
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
M
                 
E
D
H
Mechanical Data
!
Case: SOT-23, Molded Plastic
K
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
!
Polarity: See Diagram
!
Weight: 0.008 grams (approx.)
!
Marking: Device Code (See Table Next Page)
TOP VIEW
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1)
Pd
350
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance Junction to Ambient (Note 1)
RJA
357
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that device terminals are kept at ambient temperature.
WTE
POWER SEMICONDUCTORS
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
TOP VIEW


Numéro de pièce similaire - BZX84C2V4

FabricantNo de pièceFiches techniqueDescription
Vishay Siliconix
Vishay Siliconix
BZX84C2V4 VISHAY-BZX84C2V4 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Diodes Incorporated
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
   300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
Pan Jit International Inc.
Pan Jit International I...
BZX84C2V4 PANJIT-BZX84C2V4 Datasheet
98Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MAKO SEMICONDUCTOR CO.,LIMITED
MAKO SEMICONDUCTOR CO.,...
BZX84C2V4 MAKOSEMI-BZX84C2V4 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
More results

Description similaire - BZX84C2V4

FabricantNo de pièceFiches techniqueDescription
Diodes Incorporated
Diodes Incorporated
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
Won-Top Electronics
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
Diodes Incorporated
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
Shenzhen Ping Sheng Electronics Co., Ltd.
Shenzhen Ping Sheng Ele...
BZX84C2V4 PFS-BZX84C2V4 Datasheet
225Kb / 5P
   350mW Surface Mount Zener Diode
Diodes Incorporated
Diodes Incorporated
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
Diode Semiconductor Korea
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
MMBZ5221B DSK-MMBZ5221B Datasheet
292Kb / 5P
   350mW Surface Mount Zener Diode
Diodes Incorporated
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz