Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BZX84C2V4 Fiches technique(PDF) 4 Page - Won-Top Electronics

No de pièce BZX84C2V4
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C2V4 Fiches technique(HTML) 4 Page - Won-Top Electronics

  BZX84C2V4 Datasheet HTML 1Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 2Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 3Page - Won-Top Electronics BZX84C2V4 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX84C2V4 – BZX84C39
4 of 4
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
BZX84Cxx-T1
SOT-23
3000/Tape & Reel
BZX84Cxx-T3
SOT-23
10000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.035
(0.90)
0.031
(0.8)
0.035
(0.90)
0.079
(2.0)
0.037
(0.95)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BZX84C43 350mW SURFACE MOUNT ZENER DIODE 1  2  3  Diodes Incorporated
BZX84B5V1 SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 1  2  Central Semiconductor Corp
MMBZ5221B 350mW SURFACE MOUNT ZENER DIODE 1  2  3  Diodes Incorporated
CMPZDA2V4 SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW 1  2  Central Semiconductor Corp
DDZX9698 SURFACE MOUNT PRECISION ZENER DIODE 1  2  3  4  5  More Diodes Incorporated
ZS4728A 1WATT SURFACE MOUNT ZENER DIODE 1  2  Formosa MS
1SMA4741 Surface Mount Silicon Zener Diode 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
1SMA4741 SURFACE MOUNT SILICON ZENER DIODE 1  2  3  4  5  Transys Electronics
CZRC53 Surface Mount Zener Diode 1  2  3  4  Comchip Technology
ZTS200-X 1WATT SURFACE MOUNT ZENER DIODE 1  2  Formosa MS

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn