Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0340A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0340A
Description  SAW Resonator 614.726 MHz SMD 3.0X3.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0340A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0340A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0340A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0340A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0340A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0340A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0340A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
I. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Numéro de pièce similaire - TC0340A

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC03 TELCOM-TC03 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
TAI-SAW TECHNOLOGY CO.,...
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0304A TAI-SAW-TC0304A Datasheet
292Kb / 5P
   SAW Resonator 622.017 MHz SMD 3.8X3.8 mm
TC0305A TAI-SAW-TC0305A Datasheet
360Kb / 5P
   SAW Resonator 744.8 MHz SMD 3.8X3.8 mm
TC0306A TAI-SAW-TC0306A Datasheet
366Kb / 5P
   SAW Resonator 1000 MHz SMD 3.8X3.8 mm
More results

Description similaire - TC0340A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0483A TAI-SAW-TC0483A Datasheet
404Kb / 6P
   SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
TC0537A TAI-SAW-TC0537A Datasheet
414Kb / 6P
   SAW Resonator 834.64 MHz SMD 3.0X3.0 mm
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0532A TAI-SAW-TC0532A Datasheet
403Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.0X3.0 mm
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
   SAW Resonator 1000MHz SMD 3.0X3.0 mm
TC0671A TAI-SAW-TC0671A Datasheet
391Kb / 6P
   SAW Resonator 1600MHz SMD 3.0X3.0 mm(300KHz)
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com