Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0322A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0322A
Description  SAW Resonator 868.95 MHz SMD 3X3 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0322A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0322A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0322A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0322A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0322A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0322A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0322A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 868.95 MHz
MODEL NO.: TC0322A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature
TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
868.85
868.95
869.05
Insertion Loss
IL
dB
-
1.25
2.5
Unload quality factor QU
-
9800
-
Ageing of fc
ppm/yr
-
-
±10
Motional capacitance C1
fF
-
0.98
-
Motional inductance L1
µH
-
35.93
-
Motional resistance R1
Ohm
-
20
-
Parallel capacitance Co
pF
-
2.16
-
Frequency
Temperature
coefficient
Cf)
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3x3x1.1 mm
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# B
#E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TC0322A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TC0322A GOLLEDGE-TC0322A Datasheet
287Kb / 6P
   SAW Resonator: 868.950MHz
More results

Description similaire - TC0322A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TC0334A TAI-SAW-TC0334A Datasheet
278Kb / 6P
   SAW Resonator 671.086 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com