Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TW0137A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TW0137A
Description  SMD Clock Oscillator 30.000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0137A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0137A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0137A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0137A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0137A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0137A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
J. PACKING:
1.REEL DIMENSION (Unit: mm)
2.TAPE DIMENSION (Unit: mm)
3.PACKING DIRECTION
The dot or the logo of marking should be close to the hole of tape.


Numéro de pièce similaire - TW0137A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0135A TAI-SAW-TW0135A Datasheet
156Kb / 5P
   SMD Clock Oscillator 13.5 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
More results

Description similaire - TW0137A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0138A TAI-SAW-TW0138A Datasheet
156Kb / 5P
   SMD Clock Oscillator 32 MHz
TW0161A TAI-SAW-TW0161A Datasheet
145Kb / 5P
   SMD Clock Oscillator 28.800 MHz
TW0165A TAI-SAW-TW0165A Datasheet
138Kb / 4P
   SMD Clock Oscillator 12.800 MHz
TW0194A TAI-SAW-TW0194A Datasheet
167Kb / 4P
   SMD Clock Oscillator 26.0 MHz
TW0128A TAI-SAW-TW0128A Datasheet
208Kb / 5P
   SMD Clock Oscillator 4.096 MHz
TW0136A TAI-SAW-TW0136A Datasheet
209Kb / 5P
   SMD Clock Oscillator 20.000 MHz
TW0150A TAI-SAW-TW0150A Datasheet
145Kb / 5P
   SMD Clock Oscillator 48.000 MHz
TW0158A TAI-SAW-TW0158A Datasheet
191Kb / 5P
   SMD Clock Oscillator 40.0 MHz
TW0167A TAI-SAW-TW0167A Datasheet
188Kb / 4P
   SMD Clock Oscillator 40.0 MHz
TW0198A TAI-SAW-TW0198A Datasheet
154Kb / 4P
   SMD Clock Oscillator 32.000 MHz
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com