Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4813 Fiches technique(PDF) 4 Page - Rohm

No de pièce BU4813
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4813 Fiches technique(HTML) 4 Page - Rohm

  BU4813 Datasheet HTML 1Page - Rohm BU4813 Datasheet HTML 2Page - Rohm BU4813 Datasheet HTML 3Page - Rohm BU4813 Datasheet HTML 4Page - Rohm BU4813 Datasheet HTML 5Page - Rohm BU4813 Datasheet HTML 6Page - Rohm BU4813 Datasheet HTML 7Page - Rohm BU4813 Datasheet HTML 8Page - Rohm BU4813 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Note
4/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference Data (Unless specified otherwise, Ta=25°C)
Fig.3 Circuit Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
45
6
7
VDD SUPPLY VOLTAGE
:VDD[V]
【BU4816F】
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
VDD=1.2V
【BU4816F】
Fig.4 “LOW” Output Current
0
5
10
15
20
25
01
2
3
45
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BU4916F】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
0.0
0.1
0.2
0.3
0.4
0.5
-40
0
40
80
120
TEMPERATURE
: Ta[℃]
【BU4816F】
Fig.9 Circuit Current when ON
Fig.10 Circuit Current when OFF
0.0
0.2
0.4
0.6
0.8
1.0
-40
0
40
80
120
TEMPERATURE
: Ta[℃]
【BU4816F】
0.0
0.2
0.4
0.6
0.8
1.0
-40
0
40
80
120
TEMPERATURE
: Ta[℃]
【BU4816F】
Fig.11 Operating Limit Voltage
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
01
2
3
45
6
7
VDD SUPPLY VOLTAGE
:VDD[V]
【BU4816F】
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
VDD SUPPLY VOLTAGE
: VDD[V]
【BU4816F】
Fig.7 Operating Limit Voltage
Fig.8 Detecting Voltage
Release Voltage
1.0
1.5
2.0
-40
0
40
80
120
TEMPERATURE
: Ta[℃]
Low to high(VDET+
ΔVDET)
High to low(VDET)
【BU4816F】


Numéro de pièce similaire - BU4813

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4813 ROHM-BU4813 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4813 ROHM-BU4813 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4813 ROHM-BU4813 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4813 ROHM-BU4813 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4813 ROHM-BU4813 Datasheet
291Kb / 6P
   Low Voltage Detector IC
More results

Description similaire - BU4813

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com