Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4053BCFV Fiches technique(PDF) 5 Page - Rohm

No de pièce BU4053BCFV
Description  High Voltage CMOS Logic ICs Switch>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4053BCFV Fiches technique(HTML) 5 Page - Rohm

  BU4053BCFV Datasheet HTML 1Page - Rohm BU4053BCFV Datasheet HTML 2Page - Rohm BU4053BCFV Datasheet HTML 3Page - Rohm BU4053BCFV Datasheet HTML 4Page - Rohm BU4053BCFV Datasheet HTML 5Page - Rohm BU4053BCFV Datasheet HTML 6Page - Rohm BU4053BCFV Datasheet HTML 7Page - Rohm BU4053BCFV Datasheet HTML 8Page - Rohm BU4053BCFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical Note
BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC,BU4051BCF,BU4051BCFV,BU4052BC,
BU4052BCF,BU4052BCFV,BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV
5/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4052BC)
DC Characteristics(Unless otherwise noted, VSS=0[V],Ta=25[℃])
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
3.5
-
-
V
5
-
-
7.0
-
-
10
11.0
-
-
15
Input “L” voltage
VIL
-
-
1.5
V
5
-
-
-
-
3.0
10
-
-
4.0
15
Input “H” current
IIH
-
-
0.3
μA
15
VIH=15[V]
-
Input “L” current
IIL
-
-
-0.3
μA
15
VIL=0[V]
-
ON resistance
RON
-
-
950
5
-
19
-
-
250
10
-
-
160
15
ON resistance defluxion
RON
-
10
-
5
-
-
-
6
-
10
-
4
-
15
Channel-OFF
Leakage current
IOFF
-
-
0.3
μA
15
-
-
-
-
-0.3
15
Static supply current
IDD
-
-
5
μA
5
VI=VDD or GND
-
-
-
10
10
-
-
15
15
Switching Characteristics(Unless otherwise noted, Ta=25℃,CL=50pF)
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Propagation delay time
SWITCH IN→OUT
tPLH
tPHL
-
15
45
ns
5
-
20・21
-
8
20
10
-
6
15
15
Propagation delay time
CONT→OUT
tPHZ,tPLZ
tPZH,tPZL
-
170
550
ns
5
-
22・23
24・25
26・27
28・29
-
90
240
10
-
70
160
15
Propagation delay time
INH→OUT
tPHZ,tPLZ
tPZH,tPZL
-
150
450
ns
5
-
-
70
210
10
-
50
160
15
Maximum propagation
frequency
fMAX.
-
20
-
MHz
5
VEE=-5[V]
-
Feed through attenuation
FT
-
0.5
-
MHz
5
VEE=-5[V]
-
Sine wave distortion
D
-
0.02
-
%
5
VEE=-5[V]
-
Input capacitance
(control input)
CC
-
5
-
pF
-
-
-
Input capacitance
(switch input)
CS
-
10
-
pF
-
-
-


Numéro de pièce similaire - BU4053BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4053BCFV ROHM-BU4053BCFV Datasheet
74Kb / 6P
   Triple 2-channel analog multiplexer / demultiplexer
BU4053BCFV ROHM-BU4053BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4053BCFV-E2 ROHM-BU4053BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4053BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
   CMOS LOGIC IC Analog switch
ELM7SH66MB-EL ELM-TECH-ELM7SH66MB-EL Datasheet
373Kb / 4P
   HIGH SPEED CMOS LOGIC IC ELM7SH66xB Analog switch
logo
Torex Semiconductor
XC74WL4066SR TOREX-XC74WL4066SR Datasheet
204Kb / 10P
   CMOS Logic Dual Analog Switch/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com