Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC0166A Datasheet(Fiches technique) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numéro de pièce TC0166A
Description  One-Port SAW Resonator 315MHz F11
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0166A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0166A Datenblatt HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datenblatt HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datenblatt HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
D.
OUTLINE DRAWING:
E.
EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1
C1
L1
# 1
# 4
Source Impedance
Load Impedance
50Ω
50Ω


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn