Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC0164A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0164A
Description  TO39 390MHz One-Port Saw Resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0164A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0164A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0164A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 390 MHz
MODEL NO.: TC0164A
REV. NO.: 1
A. FEATURES:
1.
One-Port Resonator.
B. MAXIMUM RATING:
1.
Power Dissipation: 0 dBm.
2.
DC voltage: 12 V.
3.
Storage Temperature: -40 oC to 85 oC.
4.
Operating Temperature:-40 oC to 85 oC
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
389.850
390
390.150
Insertion Loss IL
dB
1.5
2.5
Unloaded Quality factor
6000
Equivalent Elements
Motional capacitance C1
fF
2.57
Motional inductance L1
μ
H
64.7
Motional resistance R1
Ohm
14
Parallel capacitance Co
pF
3.6
Temp.coeff.
ppm/c*2
0.032
Turnover To
deg.C
40
Package size
TO-39
TAI-SAW TECHNOLOGY CO., LTD.
1


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn