Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC0157A Datasheet(Fiches technique) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numéro de pièce TC0157A
Description  One-Port SAW Resonator 433.92MHz TO39
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0157A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0157A Datenblatt HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0157A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0157A Datenblatt HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
1
台灣嘉碩科技股份有限公司
TAI-SAW TECHNOLOGY CO., LTD.
桃園縣平鎮工業區工業二路
3號
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL : 886-3-4690038
FAX : 886-3-4697532
Web site: www.taisaw.com, E-mail : tstsales@mail.taisaw.com
SAW Resonator 433.92 MHz
MODEL NO.: TC0157A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Power Dissipation: 0 dBm.
2.DC voltage: 12 V.
3.Storage Temperature: -40 °C to 85 °C.
4.Operating Temperature:-40 °C to 85 °C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
433.845
433.92
433.995
Insertion Loss IL
dB
-
1.2
2.0
Unloaded Quality factor
-
14500
-
Ageing of Fc
ppm
-
-
10/year
Equivalent Elements
Motional capacitance C1
fF
-
3
-
Motional inductance L1
μ
H
-
44
-
Motional resistance R1
Ohm
-
15
25
Parallel capacitance Co
pF
-
3.2
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
20
-
50
Package size
TO-39
D.OUTLINE DRAWING:


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn