Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC0140E Datasheet(Fiches technique) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numéro de pièce TC0140E
Description  SAW Resonator 303.875MHz
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0140E Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0140E Datenblatt HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0140E Datenblatt HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0140E Datenblatt HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0140E Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
F.FREQUENCY CHARACTERISTICS:
G. TEST CIRCUIT:
50?
Network analyzer
50?
SAW Resonator
1
4
2? 3
To 50?
Network
Analyzer
From 50?
Network
Analyzer
S21 Response for TC0140E
-12
-10
-8
-6
-4
-2
0
302.375
302.875
303.375
303.875
304.375
304.875
305.375
(Center Frequency 303.875MHz/Span=3MHz)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn