Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL2601M Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce HCPL2601M
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2601M Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  HCPL2601M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2601M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
Switching Characteristics (TA = -40°C to +85°C, VCC = 5V, IF = 7.5mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.8
V
TA = 25°C
1.4
1.75
BVR
Input Reverse Breakdown
Voltage
IR = 10µA
5.0
V
CIN
Input Capacitance
VF = 0, f = 1MHz
60
pF
∆V
F / ∆TA
Input Diode Temperature
Coefficient
IF = 10mA
-1.4
mV/°C
DETECTOR
ICCH
High Level Supply Current
VCC = 5.5V, IF = 0mA,
VE = 0.5V
Single Channel
6
10
mA
Dual Channel
10
15
ICCL
Low Level Supply Current
Single Channel
VCC = 5.5V,
IF = 10mA
813
mA
Dual Channel
VE = 0.5V
14
21
IEL
Low Level Enable Current
VCC = 5.5V, VE = 0.5V
-0.7
-1.6
mA
IEH
High Level Enable Current
VCC = 5.5V, VE = 2.0V
-0.5
-1.6
mA
VEH
High Level Enable Voltage
VCC = 5.5V, IF = 10mA
2.0
V
VEL
Low Level Enable Voltage
VCC = 5.5V, IF = 10mA
(3)
0.8
V
Symbol
AC Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
TPLH
Propagation Delay
Time to Output HIGH
Level
RL = 350Ω,
CL = 15pF
(4) (Fig. 12)
TA = 25°C
20
40
75
ns
100
TPHL
Propagation Delay
Time to Output LOW
Level
TA = 25°C
(5)
25
40
75
ns
RL = 350Ω, CL = 15pF (Fig. 12)
100
|TPHL–TPLH| Pulse Width Distortion
(RL = 350Ω, CL = 15pF (Fig. 12)
1
35
ns
tr
Output Rise Time
(10–90%)
RL = 350Ω, CL = 15pF
(6) (Fig. 12)
30
ns
tf
Output Rise Time
(90–10%)
RL = 350Ω, CL = 15pF
(7) (Fig. 12)
10
ns
tELH
Enable Propagation
Delay Time to Output
HIGH Level
IF = 7.5mA, VEH = 3.5V, RL = 350Ω, CL = 15pF
(8)
(Fig. 13)
15
ns
tEHL
Enable Propagation
Delay Time to Output
LOW Level
IF = 7.5mA, VEH = 3.5V, RL = 350Ω, CL = 15pF
(9)
(Fig. 13)
15
ns
|CMH|
Common Mode
Transient Immunity
(at Output HIGH Level)
TA = 25°C, |VCM| = 50V
(Peak), IF = 0mA,
VOH (Min.) = 2.0V,
RL = 350Ω
(10) (Fig. 14)
6N137M, HCPL2630M
10,000
V/µs
HCPL2601M,
HCPL2631M
5000
10,000
|VCM| = 400V
HCPL2611M
10,000
15,000
V/µs
|CML|
Common Mode
Transient Immunity
(at Output LOW Level)
RL = 350Ω, IF = 7.5mA,
VOL (Max.) = 0.8V,
TA = 25°C
(11) (Fig. 14)
6N137M, HCPL2630M
10,000
HCPL2601M,
HCPL2631M
5000
10,000
|VCM| = 400V
HCPL2611M
10,000
15,000


Numéro de pièce similaire - HCPL2601M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
HCPL2601M ONSEMI-HCPL2601M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Description similaire - HCPL2601M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com