Moteur de recherche de fiches techniques de composants électroniques |
|
DLTS-8CA Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
DLTS-8CA Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 3 page DATA LINE TRANSIENT SUPPRESSOR S C O T TS DALE DIVISION DLTS-5 thru DLTS-30 ELECTRICAL CHARACTERISTICS MICROSEMI PART NUMBER REVERSE STAND-OFF VOLTAGE VWM VOLTS MINIMUM BREAKDOWN VOLTAGE @ 1 mA V(BR) VOLTS MAXIMUM CLAMPING VOLTAGE @ IPP2 = 1A (8 X 20 μs) VC1 VOLTS MAXIMUM CLAMPING VOLTAGE @ IPP2 = 10A (8 X 20 μs) VC2 VOLTS MAXIMUM REVERSE LEAKAGE @ VWM ID μA MAXIMUM CAPACITANCE @ OV 1MHz C pF MAXIMUM VOLTAGE TEMPERATURE VARIATION OF V(BR) mV/C Unidirectional DLTS-5 DLTS-5A DLTS-12 DLTS-12A DLTS-17 DLTS-17A DLTS-24 DLTS-24A DLTS-30 DLTS-30A 5 5 12 12 17 17 24 24 30 30 6.0 6.0 13.3 13.3 19.2 19.2 26.7 26.7 33.3 33.3 10.2 9.5 21.1 19.1 30.4 27.5 42.3 38.3 52.8 47.8 12.5 10.6 26.0 23.5 37.4 33.9 52.1 47.2 65.0 58.8 200 200 2 2 2 2 2 2 2 2 880 880 440 440 330 330 275 275 220 220 5 5 18 18 20 20 31 31 39 39 Bidirectional DLTS-8C DLTS-8CA DLTS-13C DLTS-13CA DLTS-19C DLTS-19CA DLTS-30C DLTS-30CA 8 8 13 13 19 19 30 30 8.5 8.5 14.4 14.4 21.6 21.6 33.3 33.3 13.4 12.2 22.8 20.6 34.2 31.0 52.8 47.8 16.6 15.0 28.1 25.4 42.1 38.1 65.0 58.8 10 10 4 4 4 4 4 4 440 440 385 385 275 275 165 165 9 9 18 18 24 24 39 39 “C” suffix denotes bidirectional and “A” suffix provides a lower selected clamping voltage tolerance NOTE 1: A TVS is normally selected according to the reverse “Stand Off Voltage” VWM which should be equal to or greater than the dc or continuous peak operating voltage level. GRAPHS tp – Pulse Time Pulse Waveform FIGURE 1 FIGURE 2 Peak Pulse Power vs. Pulse Time (per position) Microsemi Scottsdale Division Page 2 Copyright © 2009 1-08-09 REV B, SA4-35 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |
Numéro de pièce similaire - DLTS-8CA |
|
Description similaire - DLTS-8CA |