Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1190A Fiches technique(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1190A
Description  SAW Filter 1575 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1190A Fiches technique(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1190A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1190A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Numéro de pièce similaire - TA1190A

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TA11909AD1 TRANSKO-TA11909AD1 Datasheet
643Kb / 4P
   119.6875 MHz IF SAW Filter / 9.8 MHz Bandwidth
Revision 0: 5. Dec. 2007
More results

Description similaire - TA1190A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1021A TAI-SAW-TA1021A Datasheet
327Kb / 7P
   SAW Filter 1575 MHz
logo
RF Monolithics, Inc
SF1186B-4 RFM-SF1186B-4 Datasheet
144Kb / 4P
   1575 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1318A TAI-SAW-TA1318A Datasheet
456Kb / 6P
   SAW Filter 1575 MHz
TA2075A TAI-SAW-TA2075A Datasheet
302Kb / 7P
   SAW Filter 1575 MHz
TA2020A TAI-SAW-TA2020A Datasheet
219Kb / 6P
   SAW Filter 1575 MHz
logo
Integrated Circuit Syst...
SF1575BA02505S ICST-SF1575BA02505S Datasheet
81Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02505S APITECH-SF1575BA02505S Datasheet
87Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02505S SPECTRUM-SF1575BA02505S Datasheet
87Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
Dielectric Laboratories...
B016MD5S DILABS-B016MD5S Datasheet
644Kb / 2P
   1575 MHz Bandpass Filter
logo
TriQuint Semiconductor
880404 TRIQUINT-880404_15 Datasheet
113Kb / 5P
   1575 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com