Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1151A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1151A
Description  SAW Filter 751 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1151A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1151A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1151A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
S22
G. PACKING:
1. REEL DIMENSION


Numéro de pièce similaire - TA1151A

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TA11515AD1 TRANSKO-TA11515AD1 Datasheet
528Kb / 4P
   115.00 MHz IF SAW Filter / 16.20 MHz Bandwidth
Revision 1: 12. Jun. 2009
TA11515BD1 TRANSKO-TA11515BD1 Datasheet
525Kb / 4P
   115.00 MHz IF SAW Filter / 15.87 MHz Bandwidth
Revision 0: 19. Nov. 2009
TA11515CD1 TRANSKO-TA11515CD1 Datasheet
526Kb / 4P
   115.00 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 17. Dec. 2009
TA11515DD1 TRANSKO-TA11515DD1 Datasheet
698Kb / 4P
   115.00 MHz IF SAW Filter / 15.73 MHz Bandwidth
Revision 0: 19. Oct. 2010
TA11516AD1 TRANSKO-TA11516AD1 Datasheet
563Kb / 4P
   115.00 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 19. Nov. 2009
More results

Description similaire - TA1151A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2622A TAI-SAW-TA2622A Datasheet
1Mb / 10P
   SAW Filter 751 MHz SMD 1109(BW=10MHz)
logo
TriQuint Semiconductor
856879 TRIQUINT-856879 Datasheet
736Kb / 9P
   782/751 MHz Duplexer
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
857181 TRIQUINT-857181_15 Datasheet
1Mb / 9P
   782/751 MHz Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com