Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU28TA2WNVX-TR Fiches technique(PDF) 7 Page - Rohm

No de pièce BU28TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU28TA2WNVX-TR Fiches technique(HTML) 7 Page - Rohm

Back Button BU28TA2WNVX-TR Datasheet HTML 3Page - Rohm BU28TA2WNVX-TR Datasheet HTML 4Page - Rohm BU28TA2WNVX-TR Datasheet HTML 5Page - Rohm BU28TA2WNVX-TR Datasheet HTML 6Page - Rohm BU28TA2WNVX-TR Datasheet HTML 7Page - Rohm BU28TA2WNVX-TR Datasheet HTML 8Page - Rohm BU28TA2WNVX-TR Datasheet HTML 9Page - Rohm BU28TA2WNVX-TR Datasheet HTML 10Page - Rohm BU28TA2WNVX-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Technical Note
7/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference data
BU15TA2WNVX / HFV (Ta=25ºC unless otherwise specified.)
Fig. 29 Startup Time
Iout = 200 mA
Fig. 30 Startup Time (STBY=VIN)
Iout = 0 mA
Fig. 28 Startup Time
Iout = 0 mA
Fig. 32 Discharge Time
Iout = 0 mA
Fig. 33 VIN Response
Iout = 10 mA
Fig. 31 Startup Time (STBY=VIN)
Iout = 200mA
Fig. 26 Load Response
Current Pulse=100 kHz
Fig. 27 Load Response
Current Pulse=100 kHz


Numéro de pièce similaire - BU28TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU28TA2WNVX ROHM-BU28TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Description similaire - BU28TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com