Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU25TA2WNVX-TR Fiches technique(PDF) 1 Page - Rohm

No de pièce BU25TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU25TA2WNVX-TR Fiches technique(HTML) 1 Page - Rohm

  BU25TA2WNVX-TR Datasheet HTML 1Page - Rohm BU25TA2WNVX-TR Datasheet HTML 2Page - Rohm BU25TA2WNVX-TR Datasheet HTML 3Page - Rohm BU25TA2WNVX-TR Datasheet HTML 4Page - Rohm BU25TA2WNVX-TR Datasheet HTML 5Page - Rohm BU25TA2WNVX-TR Datasheet HTML 6Page - Rohm BU25TA2WNVX-TR Datasheet HTML 7Page - Rohm BU25TA2WNVX-TR Datasheet HTML 8Page - Rohm BU25TA2WNVX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/27
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulator Series for Portable Equipments
High-speed
Load Response
FULL CMOS LDO Regulators
BU
TA2WNVX Series, BUTA2WHFV Series
●Description
BU
□□TA2WNVX /HFV series is high-performance FULL CMOS regulator with 200-mA output, which is mounted on
microminiature package SSON004X1216 (1.2 mm
 1.6 mm  0.6 mm) &HVSOF5(1.6mm X 1.6mm X0.6mm). It has
excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of 40
A.
It is most appropriate for various applications such as power supplies for logic IC, RF, and camera modules.
Microminiature package SSON004X1216 & HVSOF5 with built-in heatsink is adopted for the package, which contributes to
the space-saving design of the set.
●Features
1) High-accuracy output voltage of
1% (25 mV on 1.5-V & 1.8-V products)
2) High ripple rejection: 70 dB (Typ., 1 kHz, VOUT
1.8 V))
3) Compatible with small ceramic capacitor (CIN=Co=1.0
F)
4) Low current consumption: 40
A
5) ON/OFF control of output voltage
6)
With built-in overcurrent protection circuit and overheat protection circuit
7)
With built-in output discharge circuit
8) Adopting microminiature power package SSON004X1216
●Applications
Battery-powered portable equipment, etc.
 Absolute maximum rating
Parameter
Symbol
Limits
Unit
Maximum applied power voltage
VMAX
-0.3
~
+6.5
V
Power dissipation
Pd1
220*
1
(SSON004X1216)
mW
Pd2
410*
2 (HVSOF5)
mW
Maximum junction temperature
TjMAX
+125
°C
Operational temperature range
Topr
-40
~
+85
°C
Storage temperature range
Tstg
-55
~
+125
°C
*1 When 1 PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented.
Reduced to 2.2 mW/
C when used at Ta=25C or higher.
*2 When 1 PCB (70 mm  70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented.
Reduced to 4.1 mW/
C when used at Ta=25C or higher.
 Recommended operating range (Do not exceed Pd.)
Parameter
Symbol
Limits
Unit
Input power supply voltage
VIN
2.5
~
5.5
V
Maximum output current
IMAX
200
mA
 Recommended operating conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input capacitor
CIN
0.5*
3
1.0
μF
A ceramic capacitor is recommended.
Output capacitor
CO
0.5*
3
1.0
μF
A ceramic capacitor is recommended.
*3
Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics,
DC device characteristics, and change with time into consideration.
No.09020EAT01


Numéro de pièce similaire - BU25TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU25TA2WNVX ROHM-BU25TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Description similaire - BU25TA2WNVX-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com