Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0991A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0991A
Description  SAW Filter 947.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0991A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0991A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=1000 ; 13”=3000 )
2.TAPE DIMENSION


Numéro de pièce similaire - TA0991A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0991A GOLLEDGE-TA0991A Datasheet
84Kb / 6P
   SAW Filter 947.50MHz
More results

Description similaire - TA0991A

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
API Technologies Corp
SF0948BA02589S APITECH-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
   Dual SAW Filter 947.5 and 1842.5 MHz
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com