Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU1572GUW Fiches technique(PDF) 6 Page - Rohm

No de pièce BU1572GUW
Description  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU1572GUW Fiches technique(HTML) 6 Page - Rohm

Back Button BU1572GUW Datasheet HTML 2Page - Rohm BU1572GUW Datasheet HTML 3Page - Rohm BU1572GUW Datasheet HTML 4Page - Rohm BU1572GUW Datasheet HTML 5Page - Rohm BU1572GUW Datasheet HTML 6Page - Rohm BU1572GUW Datasheet HTML 7Page - Rohm BU1572GUW Datasheet HTML 8Page - Rohm BU1572GUW Datasheet HTML 9Page - Rohm BU1572GUW Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
6/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
PIN
No.
PIN
Name
In/Out
Active
Level
Init
Descriptions
In/Output
type
33
MSEL2 *4
In
*
-
Mode select 2
A
34
PWMO
Out
*
Low
PWM output for LCD backlight
E
35
RESERVEO11 *5
Out
*
Low
RESERVE
E
36
RESERVEO10 *5
Out
*
Low
RESERVE
E
37
RESERVEO9 *5
Out
*
Low
RESERVE
E
38
RESERVEO8 *5
Out
*
Low
RESERVE
E
39
RESERVEO7 *5
Out
*
Low
RESERVE
E
40
RESERVEO6 *5
Out
*
Low
RESERVE
E
41
RESERVEO5 *5
Out
*
Low
RESERVE
E
42
RESERVEO4 *5
Out
*
Low
RESERVE
E
43
RESERVEO3 *5
Out
*
Low
RESERVE
E
44
RESERVEO2 *5
Out
*
Low
RESERVE
E
45
RESERVEO1 *5
Out
*
Low
RESERVE
E
46
RESERVEO0 *5
Out
*
Low
RESERVE
E
47
GND
-
GND
-
Common GROUND
-
48
CAMDO7
Out
DATA
Low
Data output: bit 7
E
49
CAMDO6
Out
DATA
Low
Data output: bit 6
E
50
CAMDO5
Out
DATA
Low
Data output: bit 5
E
51
CAMDO4
Out
DATA
Low
Data output: bit 4
E
52
CAMDO3
Out
DATA
Low
Data output: bit 3
E
53
CAMDO2
Out
DATA
Low
Data output: bit 2
E
54
CAMDO1
Out
DATA
Low
Data output: bit 1
E
55
CAMDO0
Out
DATA
Low
Data output: bit 0
E
56
I2CDEV6B *3
In
*
-
RESERVE
A
57
RESERVEO12 *5
Out
*
High
RESERVE
E
58
CAMHSO
Out
*
Low
Horizontal timing output signal
E
59
CAMVSO
Out
*
Low
Vertical timing output signal
E
60
RESETB
In
Low
-
System reset signal
B
61
VDDIO
-
PWR
-
DIGITAL IO power source
-
62
CAMCKO
Out
CLK
Low
Clock output
E
63
GND
-
GND
-
Common GROUND
-
64
VDD
-
PWR
-
CORE power source
-
※Change by setup by the register is possible for the "*" display in the column of an Active level. Moreover, Init is a pin state under
reset.
*3 : Please connect with GND
*4 : Please connect with VDDIO
*5 : Please leave OPEN


Numéro de pièce similaire - BU1572GUW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN-E2 ROHM-BU1570KN-E2 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

Description similaire - BU1572GUW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com