Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV31014 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce MV31014
Description  GaAs Varactor Diodes Hyperabrupt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV31014 Fiches technique(HTML) 2 Page - Microsemi Corporation

  MV31014 Datasheet HTML 1Page - Microsemi Corporation MV31014 Datasheet HTML 2Page - Microsemi Corporation MV31014 Datasheet HTML 3Page - Microsemi Corporation MV31014 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MV30011 – MV34010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
2
GaAs Varactor Diodes
Hyperabrupt
TM
®
Copyright
 2008
Rev: 2009-05-11
High Q Constant Gamma Tuning Varactors (Specifications @ 25°C)
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance is 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Gamma = 1.25
Part
Number
CT@4V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV31001
0.6
4.2
15
4000
MV31002
1.0
5.1
15
3000
MV31003
1.2
5.4
15
3000
MV31004
1.5
5.7
15
3000
MV31005
1.8
5.9
15
3000
MV31006
2.2
6.2
15
3000
MV31007
2.5
6.3
15
2000
MV31008
3.0
6.5
15
2000
MV31009
3.6
6.7
15
2000
MV31010
4.5
6.8
15
1500
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV31011
0.5
5.5
22
4000
MV31012
0.7
6.5
22
4000
MV31013
1.0
7.7
22
3000
MV31014
1.2
8.3
22
3000
MV31015
1.5
9.1
22
3000
MV31016
1.8
9.6
22
3000
MV31017
2.0
9.9
22
3000
MV31018
2.2
10.2
22
3000
MV31019
2.7
10.8
22
2000
MV31020
3.3
11.3
22
2000
MV31021
3.7
11.5
22
2000
MV31022
4.7
12.0
22
1500
MV31023
5.6
12.3
22
1500
MV31024
6.8
12.6
22
1500
MV31025
8.2
12.9
22
1500
MV31026
10.0
13.1
22
1500
Gamma = 1.00
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV30001
0.6
3.2
15
4000
MV30002
1.0
3.7
15
3000
MV30003
1.2
3.8
15
3000
MV30004
1.5
4.0
15
3000
MV30005
1.8
4.1
15
3000
MV30006
2.2
4.2
15
3000
MV30007
2.5
4.3
15
2500
MV30008
3.0
4.4
15
2500
MV30009
3.6
4.5
15
2000
MV30010
4.5
4.5
15
1500
Part
Number
CT @4 V
± 10%
(pF)1, 3, 4
Typ.
CT @2V /
CT @20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4V2
MV30011
0.6
3.9
22
4000
MV30012
1.0
4.6
22
3000
MV30013
1.2
4.9
22
3000
MV30014
1.5
5.2
22
3000
MV30015
1.8
5.4
22
3000
MV30016
2.2
5.6
22
3000
MV30017
2.5
5.8
22
2500
MV30018
3.0
6.0
22
2500
MV30019
3.6
6.1
22
2000
MV30020
4.5
6.3
22
1500
Gamma = 0.75
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT@2V /
CT@20V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV32001
0.6
2.8
22
4000
MV32002
1.0
3.1
22
3000
MV32003
1.2
3.2
22
3000
MV32004
1.5
3.3
22
3000
MV32005
1.8
3.4
22
3000
MV32006
2.2
3.5
22
3000
MV32007
2.5
3.6
22
2500
MV32008
3.0
3.6
22
2500
MV32009
3.6
3.7
22
2000
MV32010
4.5
3.8
22
1500


Numéro de pièce similaire - MV31014

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MV311 ETC2-MV311 Datasheet
122Kb / 1P
   Low Resistance Power Film Resistors
logo
Caddock Electronics, In...
MV311 CADDOCK-MV311 Datasheet
297Kb / 1P
   Type MV Low Resistance Power Film Resistors
MV311 CADDOCK-MV311 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
logo
MTRONPTI
MV313TCN MTRONPTI-MV313TCN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV313TGN MTRONPTI-MV313TGN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
More results

Description similaire - MV31014

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com