Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4454 Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 1N4454
Description  Silicon Switching Diode DO-35 Glass Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4454 Fiches technique(HTML) 1 Page - Microsemi Corporation

  1N4454 Datasheet HTML 1Page - Microsemi Corporation 1N4454 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
Silicon Switching Diode
DO-35 Glass Package
1N4454,
1N4454-1
Features
Six sigma quality
Metallurgically bonded
BKC's Sigma Bond™ plating
for problem free solderability
LL-34/35 MELF SMD available
Full approval to Mil-S-19500 /144
Available up to JANTXV-1 levels
"S" level screening available to Source Control Drawings
Applications
Used in general purpose applications,
where performance and switching
speed are important.
Maximum Ratings
Symbol
Value
Unit
Peak Inverse Voltage @ 5µA & 0.1µA @ -55oC
PIV
75 (Min.)
Volts
Average Rectified Current
I
Avg
200
mAmps
Continuous Forward Current
I
Fdc
300
mAmps
Peak Surge Current (t
peak = 1 sec.)
I
peak
1.0
Amp
Power Dissipation T
L= 50
oC, L = 3/8" from body
P
tot
500
mWatts
Operating Temperature Range
T
Op
200
o C
Storage Temperature Range
T
St
-65 to +200
o C
Electrical Characteristics @ 25 oC*
Symbol
Limits
Unit
Forward Voltage @ I
F= 10 mA
V
F
1.0(max)
Volts
Breakdown Voltage @ I
R = 5 µA
PIV
75 (min)
Volts
Reverse Leakage Current @ V
R = 50 V
I
R
0.1 (max)
µA
Reverse Leakage Current @ V
R = 50 V, T=150
o C
I
R
100 (max)
µA
Capacitance @ V
R = 0 V,
f = 1mHz
C
T
2.0 (max)
pF
Reverse Recovery Time (note 1)/(note 2)
t
rr
2.0/4.0 (max)
nSecs
Forward Recovery Voltage (note 3)
V
fr
3.0 (max)
Volts
Note 1: Per Method 4031-A with I
F = IR = 10 mA, RL = 100 Ohms, C = 3 Pf.
Note 2: Per Method 4031-A with I
F =
10 mA, R
L = 100 Ohms, Vr = 6 V, Recover to 1.0 mA.
Note 3: Per Method 4026 with I
F = 100 mA, RL = 50 Ohms,Peak Square wave ,100 nSec Pulse Width, tr<30 nSec,repe-
tition Rate = 5 - 100 KHz.
DO-35 Glass Package
Dia.
0.06-0.09"
1.0"
25.4 mm
(Min.)
Length
0.120-.200"
3.05-5.08-
m m
1.53-2.28m m
0 .0 18-0 .0 22"
0 .458-0 .558m m
L
ea dDi
a .
* Unless Otherwise Specified


Numéro de pièce similaire - 1N4454

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
List of Unclassifed Man...
1N4454 ETC1-1N4454 Datasheet
266Kb / 6P
   silicon diode
1N4454 ETC2-1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Semtech Corporation
1N4454 SEMTECH-1N4454 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Fairchild Semiconductor
1N4454 FAIRCHILD-1N4454 Datasheet
336Kb / 10P
   General Purpose Diodes
More results

Description similaire - 1N4454

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4607 MICROSEMI-1N4607 Datasheet
235Kb / 4P
   Silicon Switching Diode DO-35 Glass Package
1N4150 MICROSEMI-1N4150 Datasheet
78Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N645 MICROSEMI-1N645 Datasheet
169Kb / 3P
   Silicon Switching Diode DO-35 Glass Package
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4150 MICROSEMI-1N4150 Datasheet
72Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N41501N457A MICROSEMI-1N41501N457A Datasheet
71Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4153 MICROSEMI-1N4153 Datasheet
64Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
   SWITCHING DIODE, DO-35
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
   DO-35 Hermetically Sealed Glass Axial Package
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com