Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37532FV Fiches technique(PDF) 1 Page - Rohm

No de pièce BD37532FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37532FV Fiches technique(HTML) 1 Page - Rohm

  BD37532FV Datasheet HTML 1Page - Rohm BD37532FV Datasheet HTML 2Page - Rohm BD37532FV Datasheet HTML 3Page - Rohm BD37532FV Datasheet HTML 4Page - Rohm BD37532FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product
:
Sound Processor for car audio
Type:
BD37532FV
Package:
SSOP-B28
Feature
1. Reduce switching noise of input gain control, mute, main volume, fader volume, bass, middle, treble, loudness,
by using advanced switch circuit [Possible to control all steps]
2. Built-in ground isolation amplifier inputs, ideal for external stereo input.
3. Built-in differential input selector that can make various combination of single-ended / differential input.
4. Built-in input gain controller reduce switching noise for volume of a portable audio input.
5. Decrease the number of external components by built-in 3-band equalizer filter, LPF for subwoofer, loudness filter,
And, possible to control Q, Gv, fo of 3-band equalizer and fc of LPF,and fo, Gv of loudness by I
2C BUS control
freely.
6. It is possible for the bass, middle, treble to the gain adjustment quantity of ±20dB and 1 dB step gain adjustment.
7. It is equipped with output terminals of Subwoofer. Moreover, the stereo signal of the front and rear also can be
output by the I
2C BUS control.
8. Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for
small-scale regulator and heat in a set.
9. Package is SSOP-B28. Putting input-terminals together and output-terminals together can make PCB layout
easier and can makes area of PCB smaller.
10. It is possible to control by 3.3V / 5V for I
2C BUS.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply Voltage
VCC
10.0
V
Input voltage
VIN
VCC+0.3~GND-0.3
V
Power Dissipation
Pd
1063
※1mW
Storage Temperature
Tastg
-55~+150
※1 At Ta=25°C or higher, this value is decreaced to 8.5mW/°C
When Rohm standard board is mounted.
Rohm standard board:
Size:70×70×1.6(mm
3)
material:FR4 glass-epoxy substrate (copper foil area: not more than 3%).
Operating Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply Voltage
VCC
7.0
9.5
V
Temperature
Topr
-40
+85
※Design against radiation-proof isn’t made.


Numéro de pièce similaire - BD37532FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37532FV ROHM-BD37532FV Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV-E2 ROHM-BD37532FV-E2 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV-E2 ROHM-BD37532FV-E2 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
More results

Description similaire - BD37532FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com