Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0712A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0712A
Description  SAW Filter 2162.5 MHz SMD 3.0X3.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0712A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0712A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0712A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2162.5 MHz
MODEL NO.:TA0712A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
2162.5
-
-
Insertion Loss (2155 ~ 2170 MHz)
IL
dB
-
1.9
4
-
Amplitude Ripple (2155 ~ 2170 MHz)
dB
-
0.2
2
-
Group Delay Ripple (2155 ~ 2170 MHz)
ns
-
4
16
VSWR (2155 ~ 2170 MHz)
-
1.2
2
-
Attenuation (Reference level from 0 dB)
D.C. ~ 1985 MHz
dB
30
35
-
-
1985 ~ 2085 MHz
dB
33
36
-
-
2230 ~ 2330 MHz
dB
35
45
-
-
2330 ~ 3435 MHz
dB
36
40
-
-
3435 ~ 4000 MHz
dB
31
33
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TA0712A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0712A GOLLEDGE-TA0712A Datasheet
88Kb / 7P
   SAW Filter 2162.50MHz
More results

Description similaire - TA0712A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
TA0627A TAI-SAW-TA0627A Datasheet
326Kb / 7P
   SAW Filter 895.5 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com