Moteur de recherche de fiches techniques de composants électroniques |
|
BD37513FS Fiches technique(PDF) 1 Page - Rohm |
|
BD37513FS Fiches technique(HTML) 1 Page - Rohm |
1 / 5 page 1/4 REV. A Structure : Silicon Monolithic Integrated Circuit Product : Sound Processor for car audio Type: BD37513FS Package: SSOP-A20 ●Feature 1. Reduce switching noise of input gain control, mute, main volume, fader volume, bass, treble, loudness by using advanced switch circuit [Possible to control all steps] 2. Built-in ground isolation amplifier inputs, ideal for external stereo input. 3. Built-in input gain controller reduce switching noise for volume of a portable audio input. 4. Decrease the number of external components by built-in 2-band equalizer filter, loudness filter. And, possible to control Gv by I 2C BUS control. 5. It is possible for the bass, treble to the gain adjustment quantity of ±20dB and 1 dB step gain adjustment. 6. Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small scale regulator and heat in a set. 7. Package is SSOP-A20. Putting input-terminals together and output-terminals together can make PCB layout easier and can makes area of PCB smaller.) 8. It is possible to control by 3.3V / 5V for I 2C BUS. ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Limits Unit Power supply Voltage VCC 10.0 V Input voltage VIN VCC+0.3~GND-0.3 V Power Dissipation Pd 940 ※1mW Storage Temperature Tastg -55~+150 ℃ ※1 At Ta=25°C or higher, this value is decreaced to 7.5mW/°C When Rohm standard board is mounted. Rohm standard board: Size:70×70×1.6(mm 3) material:FR4 glass-epoxy substrate (copper foil area: not more than 3%). ●Operating Range Parameter Symbol Min. Typ. Max. Unit Power supply Voltage VCC 7.0 - 9.5 V Temperature Topr -40 - +85 ℃ ※Design against radiation-proof isn’t made. |
Numéro de pièce similaire - BD37513FS |
|
Description similaire - BD37513FS |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |