Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0610A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0610A
Description  SAW Filter 930.5 MHz SMD 3.8X3.8 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0610A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0610A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0610A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0610A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0610A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0610A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0610A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Numéro de pièce similaire - TA0610A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0610A GOLLEDGE-TA0610A Datasheet
72Kb / 5P
   SAW Filter 930.50MHz
More results

Description similaire - TA0610A

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
   SMD 930.5 MHz SAW FILTER
6.21.07
logo
TAI-SAW TECHNOLOGY CO.,...
TA0511A TAI-SAW-TA0511A Datasheet
464Kb / 6P
   SAW Filter 830.05 MHz SMD 3.8X3.8 mm
TB0264A TAI-SAW-TB0264A Datasheet
224Kb / 5P
   SAW Filter 533.33 MHz SMD 3.8x3.8 mm
TA0832A TAI-SAW-TA0832A Datasheet
326Kb / 8P
   SAW Filter 915.3 MHz SMD 3.8X3.8 mm
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
   SAW Filter 433.42 MHz SMD 3.8X3.8 mm
TB0464A TAI-SAW-TB0464A Datasheet
283Kb / 7P
   SAW Filter 400 MHz SMD 3.8X3.8 mm
TA915EC TAI-SAW-TA915EC Datasheet
362Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA915FC TAI-SAW-TA915FC Datasheet
364Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA0512A TAI-SAW-TA0512A Datasheet
465Kb / 6P
   SAW Filter 874.55 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
SF2008D RFM-SF2008D Datasheet
137Kb / 4P
   930.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com