Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3222-EVALZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV3222-EVALZ
Description  800 MHz, 4:1 Analog Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3222-EVALZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV3222-EVALZ Datasheet HTML 4Page - Analog Devices ADV3222-EVALZ Datasheet HTML 5Page - Analog Devices ADV3222-EVALZ Datasheet HTML 6Page - Analog Devices ADV3222-EVALZ Datasheet HTML 7Page - Analog Devices ADV3222-EVALZ Datasheet HTML 8Page - Analog Devices ADV3222-EVALZ Datasheet HTML 9Page - Analog Devices ADV3222-EVALZ Datasheet HTML 10Page - Analog Devices ADV3222-EVALZ Datasheet HTML 11Page - Analog Devices ADV3222-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1k
10k
FREQUENCY (MHz)
0pF
2pF
4.7pF
10pF
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1k
10k
FREQUENCY (MHz)
0pF
2pF
4.7pF
10pF
Figure 6. ADV3221 Small Signal Response vs. Capacitive Load, 200 mV p-p
Figure 9. ADV3222 Small Signal Response vs. Capacitive Load, 200 mV p-p
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1k
10k
FREQUENCY (MHz)
0pF
2pF
4.7pF
10pF
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1k
10k
FREQUENCY (MHz)
0pF
2pF
4.7pF
10pF
Figure 7. ADV3221 Large Signal Response vs. Capacitive Load, 2 V p-p
Figure 10. ADV3222 Large Signal Response vs. Capacitive Load, 2 V p-p
0.2
–0.2
–0.1
0
0.1
0
5
10
15
20
TIME (ns)
0pF
2pF
4.7pF
10pF
0.2
–0.2
–0.1
0
0.1
0
5
10
15
20
TIME (ns)
0pF
2pF
4.7pF
10pF
Figure 8. ADV3221 Small Signal Pulse Response vs. Capacitive Load,
200 mV p-p
Figure 11. ADV3222 Small Signal Pulse Response vs. Capacitive Load,
200 mV p-p


Numéro de pièce similaire - ADV3222-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3222-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
logo
ELMOS Semiconductor AG
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
   Analog multiplexer 8:1
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
TMUX1204 TI1-TMUX1204 Datasheet
1Mb / 31P
[Old version datasheet]   5-V, 4:1, General Purpose Analog Multiplexer
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2_1 Datasheet
85Kb / 2P
   4:1 Step-up Transformer 2.0 - 800 MHz
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
   3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com