Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0472A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0472A
Description  SAW Filter 455MHz SMD3.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0472A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0472A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0472A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0472A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0472A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0472A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
C.FREQUENCY CHARACTERISTICS:


Numéro de pièce similaire - TA0472A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0472A GOLLEDGE-TA0472A Datasheet
126Kb / 4P
   SAW Filter 455.0 MHz
More results

Description similaire - TA0472A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
MP02506 GOLLEDGE-MP02506 Datasheet
83Kb / 6P
   SAW Filter 455MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0828A TAI-SAW-TA0828A Datasheet
310Kb / 6P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0475A TAI-SAW-TA0475A Datasheet
270Kb / 5P
   SAW Filter 462.5375MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0277A TAI-SAW-TA0277A Datasheet
476Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
TA0306A TAI-SAW-TA0306A Datasheet
479Kb / 5P
   SAW Filter 434.260MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com