Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA465FD Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA465FD
Description  SAW Filter 465MHz SMD 5.0횞5.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA465FD Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA465FD Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA465FD Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA465FD Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA465FD Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA465FD Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. Frequency Characteristics :
TA465FD
-40
-35
-30
-25
-20
-15
-10
-5
0
Freq.(MHz)
TA465Fd
-80
-70
-60
-50
-40
-30
-20
-10
0
Freq.(MHz)


Numéro de pièce similaire - TA465FD

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA465FD GOLLEDGE-TA465FD Datasheet
128Kb / 4P
   465.0MHz SAW Filter
More results

Description similaire - TA465FD

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0313A TAI-SAW-TA0313A Datasheet
426Kb / 5P
   SAW Filter 465MHz SMD 5.0횞5.0mm
TA0418A TAI-SAW-TA0418A Datasheet
421Kb / 5P
   SAW Filter 424MHz SMD 5.0횞5.0mm
TA0411A TAI-SAW-TA0411A Datasheet
418Kb / 5P
   SAW Filter 440MHz SMD 5.0횞5.0mm
TA0417A TAI-SAW-TA0417A Datasheet
422Kb / 5P
   SAW Filter 408.5MHz SMD 5.0횞5.0mm
TB0610A TAI-SAW-TB0610A Datasheet
264Kb / 8P
   SAW Filter 350MHz SMD 5.0횞5.0mm
TA0311A TAI-SAW-TA0311A Datasheet
418Kb / 5P
   SAW Filter 420MHz SMD 5.0횞5.0mm
TA0419A TAI-SAW-TA0419A Datasheet
422Kb / 5P
   SAW Filter 441MHz SMD 5.0횞5.0mm
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
   SAW Filter 475MHz SMD 5.0횞5.0mm
TA0510A TAI-SAW-TA0510A Datasheet
204Kb / 5P
   SAW Filter 280MHz SMD 5.0횞5.0mm
TA0420A TAI-SAW-TA0420A Datasheet
424Kb / 5P
   SAW Filter 460MHz SMD 5.0횞5.0mm
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com