Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0341A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0341A
Description  SAW Filter 611MHz SMD 7.0횞5.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0341A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0341A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0341A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0341A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0341A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0341A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 611 MHz
MODEL NO.: TA0341A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Storage Temperature: -20
°C to +50°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency
Fc1)
MHz
-
611
-
Insertion Loss
IL
dB
-
2.7
5.0
3dB Bandwidth
BW-3dB
MHz
7
7.8
-
Passband Ripple2)
dB
-
1.0
2
Absolute Attenuation
613.75
MHz
608.25
MHz
615.45
MHz
603.05
MHz
dB
dB
dB
dB
-
-
9
19
3.5
3.2
12
22
4.2
4.2
-
-
Operating Temperature Range
°C
-
25
-
Source impedance
Zs
(
-
50
-
Load impedance
ZL
(
-
50
-
Notes
1) No matching circuit required
2) Fc±2.5MHz Peak-Peak
3) All spec on room temperature only
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TA0341A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0341A GOLLEDGE-TA0341A Datasheet
105Kb / 4P
   SAW Filter 611.0MHz
More results

Description similaire - TA0341A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0326A TAI-SAW-TA0326A Datasheet
430Kb / 6P
   SAW Filter 611MHz SMD 9.1횞7.1mm
TB0573A TAI-SAW-TB0573A Datasheet
264Kb / 7P
   SAW Filter 228.1MHz SMD 7.0횞5.0mm
TA0409A TAI-SAW-TA0409A Datasheet
549Kb / 5P
   SAW Filter 420MHz SMD 7.0횞5.0mm
TB0571A TAI-SAW-TB0571A Datasheet
275Kb / 8P
   SAW Filter 135.42MHz SMD 7.0횞5.0mm
TB0576A TAI-SAW-TB0576A Datasheet
267Kb / 8P
   SAW Filter 472.2MHz SMD 7.0횞5.0mm
TB0577A TAI-SAW-TB0577A Datasheet
262Kb / 7P
   SAW Filter 512.2MHz SMD 7.0횞5.0mm
TA0753A TAI-SAW-TA0753A Datasheet
279Kb / 5P
   SAW Filter 611MHz
logo
Golledge Electronics Lt...
MP01440 GOLLEDGE-MP01440 Datasheet
103Kb / 4P
   SAW Filter 611MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com