Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD4140HFV Fiches technique(PDF) 8 Page - Rohm

No de pièce BD4140HFV
Description  PGOOD IC for PC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD4140HFV Fiches technique(HTML) 8 Page - Rohm

  BD4140HFV_09 Datasheet HTML 1Page - Rohm BD4140HFV_09 Datasheet HTML 2Page - Rohm BD4140HFV_09 Datasheet HTML 3Page - Rohm BD4140HFV_09 Datasheet HTML 4Page - Rohm BD4140HFV_09 Datasheet HTML 5Page - Rohm BD4140HFV_09 Datasheet HTML 6Page - Rohm BD4140HFV_09 Datasheet HTML 7Page - Rohm BD4140HFV_09 Datasheet HTML 8Page - Rohm BD4140HFV_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BD4140HFV
Technical Note
8/8
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
4
1
4
0
H
F
V
-
T
R
Part No.
Part No.
Package
FV : HVSOF5
Packaging and forming specification
TR: Embossed tape and reel
(Unit : mm)
HVSOF5
S
0.08 M
0.1
S
4
3
2
1
5
1.6
±0.05
1.0
±0.05
45
32 1
(0.8)
(0.3)
0.13
±0.05
0.22
±0.05
0.5
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin


Numéro de pièce similaire - BD4140HFV_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD4142HFV-TR ROHM-BD4142HFV-TR Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
logo
Chenmko Enterprise Co. ...
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Description similaire - BD4140HFV_09

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
   Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
logo
Panasonic Semiconductor
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com