Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU406 Fiches technique(PDF) 1 Page - Wing Shing Computer Components

No de pièce BU406
Description  NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINGS [Wing Shing Computer Components]
Site Internet  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

BU406 Fiches technique(HTML) 1 Page - Wing Shing Computer Components

  BU406 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BU406/406H/408
NPN
EPITAXIAL SILICON TRANSISTOR
HIGH VOLTAGE SWITCHING USE IN
HORIZONTAL DEFLECTION OUTPUT STAGE
TO-220
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-EmitterVoltage
Emitter-Base voltage
Collector Current (DC)
Collector Peck Current
Base Current (DC)
Collector Dissipation (Tc=25
°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
ICM
IB
PC
Tj
Tstg
400
200
6
7
10
4
60
150
-65~150
V
V
V
A
A
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current (VBE=0)
Emitter Cutoff Current(IC=0)
Collector Emitter Saturation Voltage :BU406
:BU406H
:BU408
Base- Emitter Saturation Voltage
:BU406
:BU406H
:BU408
Current Gain Bandwith Product
Turn-Off Time
:BU406
:BU406H
:BU408
ICES
IEBO
VCE(sat)
VBE(sat)
fT
toff
VCE= 400V ,
VEB=
0
VCE= 250V ,
VEB=
0
VCE= 250V ,
VEB=
0
Tc=150
VEB= 6V ,
IC=0
IC=5A,
IB=0.5A
IC=5A,
IB=0.8A
IC=6A,
IB=1.2A
IC=5A,
IB=0.5A
IC=5A,
IB=0.8A
IC=6A,
IB=1.2A
VCE= 10V ,
IC=500mA
IC=5A,
IB=0.5A
IC=5A,
IB=0.8A
IC=6A,
IB=1.2A
10
5
100
1
1
1
1
1
1.2
1.2
1.5
0.75
0.4
0.4
mA
µA
mA
mA
V
V
V
V
V
V
MHZ
µS
µS
µS
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Numéro de pièce similaire - BU406

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
ON Semiconductor
BU406 ONSEMI-BU406 Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
More results

Description similaire - BU406

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
BUT56A WINGS-BUT56A Datasheet
21Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
BU406D WINGS-BU406D Datasheet
22Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
logo
NTE Electronics
NTE2365 NTE-NTE2365 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Horizontal Deflection Output
logo
List of Unclassifed Man...
2SD1083 ETC-2SD1083 Datasheet
56Kb / 1P
   SILICON NPN EPITAXIAL PLANAR POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
logo
NTE Electronics
NTE62 NTE-NTE62 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, Horizontal Deflection Output for TV
NTE2637 NTE-NTE2637 Datasheet
24Kb / 2P
   Silicon NPN Transistor CRT Horizontal Deflection, High Voltage, Fast Switching
NTE2578 NTE-NTE2578 Datasheet
19Kb / 2P
   Silicon NPN Transistor TV Horizontal Deflection Output
NTE2642 NTE-NTE2642 Datasheet
23Kb / 2P
   Silicon NPN Transistor Horizontal Deflection Output High Speed Switch
logo
List of Unclassifed Man...
2SD1496 ETC-2SD1496 Datasheet
51Kb / 1P
   SILICON NPN TRIPLE DIFFUSED HIGH VOLTAGE POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
logo
NTE Electronics
NTE2324 NTE-NTE2324 Datasheet
21Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com