Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3822FS Fiches technique(PDF) 8 Page - Rohm

No de pièce BD3822FS
Description  NTSC-PAL Audio I/O Interface for Recording/Playing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3822FS Fiches technique(HTML) 8 Page - Rohm

  BD3822FS_05 Datasheet HTML 1Page - Rohm BD3822FS_05 Datasheet HTML 2Page - Rohm BD3822FS_05 Datasheet HTML 3Page - Rohm BD3822FS_05 Datasheet HTML 4Page - Rohm BD3822FS_05 Datasheet HTML 5Page - Rohm BD3822FS_05 Datasheet HTML 6Page - Rohm BD3822FS_05 Datasheet HTML 7Page - Rohm BD3822FS_05 Datasheet HTML 8Page - Rohm BD3822FS_05 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/8
Selection of order type
The contents described herein are correct as of October, 2005
The contents described herein are subject to change without notice. For updates of the latest information, please contact and confirm with ROHM CO.,LTD.
Any part of this application note must not be duplicated or copied without our permission.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding
upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams and information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any
warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such
infringement, or arising from or connected with or related to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, implied right or license to practice or commercially exploit any intellectual property rights or other
proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer.
The products described herein utilize silicon as the main material.
The products described herein are not designed to be X ray proof.
Published by
Application Engineering Group
Unit:mm)
SSOP-A32
<Dimension>
0.15
± 0.1
1
32
0.36
± 0.1
16
17
13.6
± 0.2
0.8
0.1
<Tape and Reel information>
Tape
Quantity
Direction
of feed
Embossed carrier tape
2000pcs
E2
(Correct direction: 1pin of product should be at the upper left when you hold reel
on the left hand, and you pull out the tape on the right hand)
Reel
Direction of feed
1pin
Orders are available in complete units only.
Catalog NO.05T396Be '05.10 ROHM C 1000 TSU
Tape and Reel information
Part No.
BD3822FS
BD3824FS
2
E
S
F
2
2
8
3
D
B


Numéro de pièce similaire - BD3822FS_05

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
More results

Description similaire - BD3822FS_05

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com