Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD35231HFN Fiches technique(PDF) 7 Page - Rohm

No de pièce BD35231HFN
Description  Nch FET Ultra LDOs for Desktop PCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD35231HFN Fiches technique(HTML) 7 Page - Rohm

Back Button BD35231HFN Datasheet HTML 3Page - Rohm BD35231HFN Datasheet HTML 4Page - Rohm BD35231HFN Datasheet HTML 5Page - Rohm BD35231HFN Datasheet HTML 6Page - Rohm BD35231HFN Datasheet HTML 7Page - Rohm BD35231HFN Datasheet HTML 8Page - Rohm BD35231HFN Datasheet HTML 9Page - Rohm BD35231HFN Datasheet HTML 10Page - Rohm BD35231HFN Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BD3523HFN, BD35230HFN, BD35231HFN
Technical Note
7/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data
BD35231HFN
Fig.13 Input sequence
Fig.14 Input sequence
Fig.17 Tj-IIN
Fig.15 Tj-Vo (Io=0mA)
Fig.16 Tj-ICC
Fig.18 Tj-ICCSTB
VIN→Ven→VCC
VCC
Ven
VIN
Vo
Ven→VIN→VCC
VCC
Ven
VIN
Vo
1.15
1.17
1.19
1.21
1.23
1.25
-50
-25
0
25
50
75
100
125
150
Tj [℃]
0.4
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
125
150
Tj [℃]
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Tj [℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
Tj [℃]
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
Tj [℃]
Fig.19 Tj-IINSTB
10
11
12
13
14
15
16
17
18
19
20
-50
-25
0
25
50
75
100
125
150
Tj [℃]
Fig.20 Tj-NRSC
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
Tj [℃]
Fig.21 Tj-IEN
50
70
90
110
130
150
-50
-25
0
25
50
75
100
125
150
Tj [℃]
75
85
95
105
115
125
135
345678
Tj [℃]
Fig.23 Vcc- RON
Vo=1.0V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Fig.22 Tj-RON
(Vcc=5V/Vo=1.2V)


Numéro de pièce similaire - BD35231HFN

FabricantNo de pièceFiches techniqueDescription
logo
Shunye Enterprise
BD352-BD356 SHUNYE-BD352-BD356 Datasheet
151Kb / 2P
   BLOCK DIODES
logo
Won-Top Electronics
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
BD3520FVM ROHM-BD3520FVM Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Description similaire - BD35231HFN

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com