Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAXXJC5 Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce BAXXJC5
Description  1.5A Secondary LDO Regulators for Local Power Supplies
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

 
 1 page
background image
1/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulator Series for Local Power Supplies
1.5A Secondary LDO Regulators
for Local Power Supplies
BA□□JC5 Series,BA00JC5W Series
Description
The BA□□JC5 are low-saturation regulators with an output current of 1.5 A and a voltage accuracy of
1%. A broad output
voltage range is offered, from 1.5V to 12V, and built-in overcurrent protection and thermal shutdown (TSD) circuits prevent
damage due to short-circuiting and overloading, respectively.
Features
1) Output current: 1.5A (min.)
2) Output voltage accuracy:
1%
3) Broad output voltage range available: 1.5V -12V (BA□□JC5 series)
4) Low saturation-voltage type with PNP output
5) Built-in overcurrent protection circuit
6) Built-in thermal shutdown circuit
7) Integrated shutdown switch (BA□□JC5WT)
8) Operating temperature range: −40℃ to +105℃
Applications
All electronic devices that use microcontrollers and logic circuits
Product Lineup
Part Number
1.5
1.8
2.5
3.0
3.3
5.0
6.0
7.0
8.0
9.0
12.0 Variable
Package
BA□□JC5T
-
TO220FP-3
BA□□JC5WT
-
-
-
-
-
-
-
-
-
-
-
TO220FP-5 (V5)
Part Number: BA□□JC5□ □
a
b c
Symbol
Description
a
Output voltage specification
□□
Output voltage (V)
□□
Output voltage (V)
15
1.5 V typ
60
6.0 V typ
18
1.8 V typ
70
7.0 V typ
25
2.5 V typ
80
8.0 V typ
30
3.0 V typ
90
9.0 V typ
33
3.3 V typ
J2
12.0 V typ
50
5.0 V typ
00
Variable
b
Existence of switch With W: A shutdown switch is provided.
Without W: No shutdown switch is provided.
c
Package T:
TO20FP-5, TO220FP-5V5, TO220FP-3
No.09024EAT03




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl