Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAXXJC5 Datasheet(Fiches technique) 4 Page - Rohm

Numéro de pièce BAXXJC5
Description  1.5A Secondary LDO Regulators for Local Power Supplies
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

 
 4 page
background image
BA□□JC5 Series,BA00JC5W Series
Technical Note
4/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagrams / Standard Example Application Circuits
Input / Output Equivalent Circuits
31kΩ
2kΩ
27kΩ
CTL
Vcc
R2
R1
Vcc
OUT
Fig.15
[BA□□JC5T]
Fig.13
[BA00JC5WT]
Fig.14
* For the BA00JC5WT, connect R1 and R2
externally between the ADJ and GND pins
and between the OUT and ADJ pins.
Pin No.
Pin name
Function
1
Vcc
Power supply voltage input
2
GND
GND
3
OUT
Voltage output
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Power supply voltage input
3
GND
GND
4
OUT
Voltage output
5
C
ADJ pin
1 23 45
12 34 5
TO220FP-5 TO220FP-5 (V5)
TO220FP-3
12 3
TOP VW
TOP VIEW
Equation: VOUT = Vc
 (R1 + R2) / R1
(Vc = 1.25 V (Typ.))
The recommended R1 value is approximately
30 k
 to 150 k.
PIN
External capacit setting range
Vcc (1 Pin)
Approximately 0.33
F
OUT (3 Pin)
22
F to 1000 F
PIN
External capacit setting range
Vcc (2 Pin)
Approximately 0.33
F
OUT (4 Pin)
22
F to 1000 F
TSD
OCP
Driver
Vref
1
0.33μF
Vcc
Vcc
GND
OUT
2
3
22μF
TSD
OCP
Driver
Vref
1
0.33μF
Vcc
CTL
GND
OUT
3
4
22μF
2
Vcc
C
5
Vcc
R2
R1




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl