Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAXXDD0 Datasheet(Fiches technique) 3 Page - Rohm

Numéro de pièce BAXXDD0
Description  BAXXDD0_10
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

 
 3 page
background image
Technical Note
BA□□DD0 Series,BA□□CC0 Series,
BA□□DD0W Series,BA□□CC0W Series
3/9
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Reference Data
BA□□CC0□□(BA33CC0WT)(Unless specified otherwise, Vcc=8.3V, Vo=3.3V, VCTL=5.0V, and Io=0mA)
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
101214
16
1820
CONTROL VOLTAGE:VCTL[V]
0
50
100
150
200
0
100 200 300 400 500 600 700 800 900 1000
OUTPUT CURRENT:Io[mA]
0
1
1
2
2
3
3
4
4
130
140
150
160
170
180
190
AMBIENT TEMPERATURE:Ta[℃]
0
1
2
3
4
5
6
7
8
02468
10
12
14
16
18
20
22
24
CONTROL VOLTAGE:VCTL[V]
0
1
1
2
2
3
3
4
4
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE:Vcc[V]
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE:Ta[℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
1012141618
20
SUPPLY VOLTAGE:VCC[V]
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
1214
1618
20
SUPPLY VOLTAGE:VCC[V]
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
1214
1618
20
SUPPLY VOLTAGE:VCC[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200 400 600 800 1000 1200 1400 1600 1800 2000
OUTPUT CURRENT:Io[mA]
0
100
200
300
400
500
600
0
100 200 300 400 500 600 700 800 900 1000
OUTPUT CURRENT:Io[mA]
0
10
20
30
40
50
60
70
80
10
1000
100000
FREQUENCY:f[Hz]
Fig.10 CTL Voltage vs. Output Voltage
Fig.11 Overvoltage Operating
Characteristics(Io=200mA)
Fig.12 Thermal Shutdown
Circuit Characteristics
Fig.6 Ripple Rejection Characteristics
Io=100mA)
Fig.5 Input/Output Voltage Difference
IOUT(0V=1A)
Fig.4 Load Stability
100k
10k
1k
100
1000k
Fig.3 Input Stability(Io=500mA)
Fig.1 Circuit current
Fig.2 Input Stability
Fig.7 Output Voltage
Temperature Characteristics
Fig.8 Circuit Current by load Level
(IOUT=0mA→1A)
Fig.9 CTL Voltage vs. CTL Current




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl