Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6287F Fiches technique(PDF) 5 Page - Rohm

No de pièce BA6287F
Description  Reversible motor drivers (1A series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Fiches technique(HTML) 5 Page - Rohm

  BA6287F Datasheet HTML 1Page - Rohm BA6287F Datasheet HTML 2Page - Rohm BA6287F Datasheet HTML 3Page - Rohm BA6287F Datasheet HTML 4Page - Rohm BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data) - Continued
Fig.13 Output high voltage
Fig.14 Output high voltage
Fig.15 Output high voltage
(BA6285FS)
(BA6285AFP-Y)
(BA6920FP-Y)
Fig.16 Output low voltage
Fig.17 Output low voltage
Fig.18 Output low voltage
(BA6956AN)
(BA6287F)
(BA6285FS)
Fig.19 Output low voltage
Fig.20 Output low voltage
Fig.21 Thermal derating curve
(BA6285AFP-Y)
(BA6920FP-Y)
(SIP9)
Fig.22 Thermal derating curve
Fig.23 Thermal derating curve
Fig.24 Thermal derating curve
(SOP8)
(SSOP-A16)
(HSOP25)
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-40°C
7.0
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-30°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-40°C
0.0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
85°C
25°C
-30°C
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 1.19W
i) Package only
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 0.563W
ii) 0.689W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i)0.85W
ii)1.45W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
ii) 0.813W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
i) 0.625W


Numéro de pièce similaire - BA6287F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
78Kb / 6P
   Reversible motor driver
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F ROHM-BA6287F Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Description similaire - BA6287F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com