Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6219BFP-Y Fiches technique(PDF) 6 Page - Rohm

No de pièce BA6219BFP-Y
Description  Reversible motor drivers (up to 2A series)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP-Y Fiches technique(HTML) 6 Page - Rohm

Back Button BA6219BFP-Y_09 Datasheet HTML 2Page - Rohm BA6219BFP-Y_09 Datasheet HTML 3Page - Rohm BA6219BFP-Y_09 Datasheet HTML 4Page - Rohm BA6219BFP-Y_09 Datasheet HTML 5Page - Rohm BA6219BFP-Y_09 Datasheet HTML 6Page - Rohm BA6219BFP-Y_09 Datasheet HTML 7Page - Rohm BA6219BFP-Y_09 Datasheet HTML 8Page - Rohm BA6219BFP-Y_09 Datasheet HTML 9Page - Rohm BA6219BFP-Y_09 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
6/10
BA6219BFP-Y, BA6222
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
2) Output high voltage setting
This function optionally sets output voltage by the output high voltage setting pin and controls the motor rotating speed.
However, when the output high voltage is set to a low level, consumption at IC increases. Carry out thermal design with
sufficient margin incorporated with the power dissipation (Pd) under the actual application condition taken into account.
a) BA6219BFP-Y
The circuit diagram associated with the output high voltage setting VR pin is as
per shown on the right. The maximum output voltage VOMAX is expressed by:
VOMAX = VCC1 - ( VSAT(Q1) + VF(Q2) + VF(Q3) + VF(Q4) )
In addition, the relation of VR voltage to output voltage at VOMAX or lower is
expressed by:
VOH = VR + ( VF(Q5) + VF(Q6) + VF(Q7) ) - ( VF(Q2) + VF(Q3) + VF(Q4) )
VOH = VR + ΔVF ≈ VR
ΔVF depends on the output current but is nearly VOH=VR. (Reference values; VSAT ≈ 0.25V, VF ≈ 0.75V)
b) BA6222
As the relationship between the output high voltage setting pin VR
voltage and output high voltage VOH is expressed by:
VOH ≈ 4 x VR + VOFS
In such event, VOFS means the offset voltage, which varies in accord
with output current and chip temperature.
The VR voltage region can be classified into three categories in accord
with the output state:
(A) Output high voltage 0V offset region
(B) Fourfold gain region
(C) Output voltage saturated region
Using this function with the VR pin connected to a load which has output impedance of several hundreds ohm may
result in oscillation. In such event, connect a capacitor of 3300pF or higher to about 0.1μF across VR and GND and
make sure that the motor is free of oscillation.
c) Power supply voltage range of VR voltage
When output voltage control pin (VR) is used:
VR < VCC1 - ( VSAT(Q1) + VF(Q5) + VF(Q6) + VF(Q7) )
VR ≈ VCC1 - 2.5V
VR < VCC2 - ( VSAT(Q3) - VF(Q3) - VF(Q2) ) - ( VF(Q5) + VF(Q6) + VF(Q7) )
VR ≈ VCC2 - 1V
The output voltage control function does not operate in the region
outside this range. In addition, when the VR pin is not used, use by
shorting VR to VCC1.
3) Switching of rotating direction (FWD/REV)
When the rotating direction is changed over by the motor rotating condition, switch the direction after the motor is
temporarily brought to the BRAKE condition or OPEN condition. It is recommended to keep the relevant conditions as
follows:
via BRAKE: Longer than braking time*.
(* the time required for the output L terminal to achieve potential below GND when brake is activated.)
via OPEN: The time longer than 1 ms is recommended.
OUT
VCC2
VR
VCC1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Fig. 17
VOH
VR
BA6219BFP-Y
BA6222
VCC1 - 3VF - VSAT
(A)
(B)
(C)
Fig. 18
VOH
VR
Control range
Saturation range
Fig. 19


Numéro de pièce similaire - BA6219BFP-Y_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
More results

Description similaire - BA6219BFP-Y_09

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com