Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA829 Fiches technique(PDF) 2 Page - Rohm

No de pièce BA829
Description  Serial / Parallel 5-input Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA829 Fiches technique(HTML) 2 Page - Rohm

  BA829 Datasheet HTML 1Page - Rohm BA829 Datasheet HTML 2Page - Rohm BA829 Datasheet HTML 3Page - Rohm BA829 Datasheet HTML 4Page - Rohm BA829 Datasheet HTML 5Page - Rohm BA829 Datasheet HTML 6Page - Rohm BA829 Datasheet HTML 7Page - Rohm BA829 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BA829
Technical Note
2/7
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Recommended operating conditions (Topr=-25℃ to +70℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power supply
VCC
4.5
5.0
5.5
V
-
Clock frequency
TCLK
-
-
500
kHz
-
Power setup time
tPset
500
-
-
ns
Fig.4
Clock pulse width
tWC
1
-
-
ns
Fig.4
Data setup time
tDset
300
-
-
ns
Fig.4
Data hold time
tDhold
400
-
-
ns
Fig.4
Latch pulse timing 1
tLT1
600
-
-
ns
Fig.4
Latch pulse timing 2
tLT2
250
-
-
ns
Fig.4
Latch pulse width
tWL
800
-
-
ns
Fig.4
Strobe pulse timing 1
tST1
300
-
-
ns
Fig.4
Strobe pulse width
tws
3
-
-
μs
Fig.4
Voltage between L-GND and P-GND
VG
-
-
0.2
V
-
* Electric potential is a difference of L-GND and P-GND. Short-circuit near the power source whenever possible.
However, between L-GND Pin and P-GND Pin, product should be used in a range not exceeding 0.2V.
Electrical characteristics (Unless otherwise specified, Ta=25℃,VCC=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Test Circuit
Supply current 1
Icc1
10
20
μA
PSW“L”
Fig.1
Supply current 2
Icc2
110
158
mA
PSW“H”, STB“H”
Fig.1
Supply current 3
Icc3
14
20
mA
PSW“H”, STB“L”
Fig.1
Output ON voltage
VOON
0.4
0.6
V
ICCN=300 mA
Fig.1
Output leakage current
IOOFF
10
50
μA
V0=13.5V
Fig.1
Data transference time
fCLK
500
kHz
Fig.1
Input high-level voltage
VIH
2.6
V
Fig.2
Input low-level voltage
VIL
0.8
V
Fig.2
Input high-level current
IIH1
0.1
10
μA
V1=3.4V,CLK,LATCH
,DATA,STB
Fig.1
Input low-level current
IIL1
-0.01
-0.1
mA
V1=0.4V,CLK,LATCH
,DATA,STB
Fig.1
Out put high-level voltage
VDDH
2.8
3.0
V
IDOH=-400μA
Fig.1
Output low-level voltage
VDDL
0.3
0.4
V
IDOL=⊿1.6mA
Fig.1
Data output transmission delay
tDLH
0.6
1.0
μs
RLD=10kΩ
Fig.4
Data output transmission delay
tDHL
0.6
2.0
μs
RLD=10kΩ
Fig.4
Print output transmission delay
tOLH
10
μs
RL=560kΩ560,
V0=13.5V
Fig.4
Print output transmission delay
tOHL
10
μs
RL=560kΩ560,
V0=13.5V
Fig.4
Input high-level current
IIH2
0.04
0.1
mA
V1=3.4V,PSW
Fig.1
Input low-level current
IIL2
0.1
10
μ
A
V1=0.4V,PSW
Fig.1


Numéro de pièce similaire - BA829

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA82901YF-C ROHM-BA82901YF-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YF-CE2 ROHM-BA82901YF-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-C ROHM-BA82901YFV-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-CE2 ROHM-BA82901YFV-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
More results

Description similaire - BA829

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6338P TOSHIBA-TD6338P Datasheet
235Kb / 6P
   Bi-CMOS 10 BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
STMicroelectronics
M8438A STMICROELECTRONICS-M8438A Datasheet
301Kb / 7P
   SERIAL INPUT LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com