Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62060DSGR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62060DSGR
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62060DSGR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS62060DSGR Datasheet HTML 5Page - Texas Instruments TPS62060DSGR Datasheet HTML 6Page - Texas Instruments TPS62060DSGR Datasheet HTML 7Page - Texas Instruments TPS62060DSGR Datasheet HTML 8Page - Texas Instruments TPS62060DSGR Datasheet HTML 9Page - Texas Instruments TPS62060DSGR Datasheet HTML 10Page - Texas Instruments TPS62060DSGR Datasheet HTML 11Page - Texas Instruments TPS62060DSGR Datasheet HTML 12Page - Texas Instruments TPS62060DSGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
J
T =-40°C
J
T =25°C
J
0
100
200
300
400
500
600
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
V
=3.3V
O
V
=1.8V
O
V
=1.2V
O
TimeBase-100ns/Div
I
500mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=500mA
IN
OUT
OUT
MODE=GND
L =1.2 H
C
=10 F
m
m
OUT
TimeBase-4ms/Div
I
200mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=20mA
IN
OUT
OUT
MODE=GND
L =1.2 H
C
=10 F
m
m
OUT
TPS62060
www.ti.com
SLVSA95 – MARCH 2010
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
RDISCHARGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11. High-Side Switch
Figure 12.
Figure 13. Typical Operation (PWM Mode)
Figure 14. Typical Operation (PFM Mode)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS62060


Numéro de pièce similaire - TPS62060DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results

Description similaire - TPS62060DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com