Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62060DSG Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS62060DSG
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62060DSG Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62060DSG Datasheet HTML 6Page - Texas Instruments TPS62060DSG Datasheet HTML 7Page - Texas Instruments TPS62060DSG Datasheet HTML 8Page - Texas Instruments TPS62060DSG Datasheet HTML 9Page - Texas Instruments TPS62060DSG Datasheet HTML 10Page - Texas Instruments TPS62060DSG Datasheet HTML 11Page - Texas Instruments TPS62060DSG Datasheet HTML 12Page - Texas Instruments TPS62060DSG Datasheet HTML 13Page - Texas Instruments TPS62060DSG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=0.2 A to1 A
MODE=V
IN
OUT
OUT
IN
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=20mA to250mA
IN
OUT
OUT
Time Base - 100 ms/Div
500 mV/Div
V
V
I
L =
IN
OUT
OUT
= 3.6 V to 4.2 V,
= 1.8 V,
= 500 mA
1.2
H,
m
50 mV/Div
TimeBase-100ms/Div
200mV/Div
V
=3.6V,
V
=1.8V,
L =1.2 H
C
=10
I
200mA to1500mA
IN
OUT
OUT
OUT
m
mF
1A/Div
2A/Div
TPS62060
SLVSA95 – MARCH 2010
www.ti.com
Figure 15. Load Transient Response
Figure 16. Load Transient
PWM Mode 0.2A To 1A
PFM Mode 20 mA to 250mA
Figure 17. Load Transient Response
Figure 18. Line Transient Response PWM Mode
200 mA To 1500 mA
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62060


Numéro de pièce similaire - TPS62060DSG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62060DSGT TI1-TPS62060DSGT Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62060DSGT TI1-TPS62060DSGT Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results

Description similaire - TPS62060DSG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com