Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1733 Fiches technique(PDF) 2 Page - Rohm

No de pièce 2SD1733
Description  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD1733 Fiches technique(HTML) 2 Page - Rohm

  2SD1733 Datasheet HTML 1Page - Rohm 2SD1733 Datasheet HTML 2Page - Rohm 2SD1733 Datasheet HTML 3Page - Rohm 2SD1733 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Data Sheet
2SD1898 / 2SD1733 / 2SD1768S / 2SD1863
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
Limits
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1
A (DC)
2
A (Pulse)
∗1
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Collector power
dissipation
PC
0.5
2
∗2
1
∗3
10
0.3
1
W
W
W
W (Tc=25
°C)
W
W
∗1 Pw=20ms, duty=1 / 2
∗2 Printed circuit board 1.7mm thick, collector copper plating 1cm2 or larger.
∗3 When mounted on a 40×40×0.7mm ceramic board.
2SD1898
2SD1733
2SD1768S
2SD1863
Electrical characteristics (Ta=25
C)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current
transfer ratio
Transition frequency
Output capacitance
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
Min.
120
80
5
120
2SD1863
2SD1733, 2SD1898
2SD1768S
0.15
100
20
1
1
0.4
390
VIC=50
μA
IC
=1mA
IE
=50
μA
VCB
=100V
VEB
=4V
IC/IB
=500mA/20mA
VCE
=10V, IE=
−50mA, f=100MHz
VCE
=3V, IC=0.5A
VCB
=10V, IE=0A, f=1MHz
V
V
μA
μA
V
120
390
120
390
MHz
pF
Typ.
Max.
Unit
Conditions
∗ Measured using pulse current
Packaging specifications and hFE
Package
Taping
Code
2SD1898
Type
T100
1000
hFE
TL
2500
TP
5000
2SD1733
2SD1768S
2SD1863
QR
QR
QR
QR
−−
TV2
2500
Basic ordering unit (pieces)
hFE values are classified as follows :
Item
hFE
R
180 to 390
Q
120 to 270


Numéro de pièce similaire - 2SD1733

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1733 ROHM-2SD1733 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Guangdong Kexin Industr...
2SD1733 KEXIN-2SD1733 Datasheet
40Kb / 1P
   Power Transistor
logo
Rohm
2SD1733 ROHM-2SD1733 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results

Description similaire - 2SD1733

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com