Moteur de recherche de fiches techniques de composants électroniques |
|
TC005-153 Fiches technique(PDF) 1 Page - RFE international |
|
TC005-153 Fiches technique(HTML) 1 Page - RFE international |
1 / 3 page FEATURE TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded Temperature Compensating Thermistors are suitable for many applications where Temperature Protection or a Control Circuit is used. TEMPERATURE (¢J ) CHARACTERISTIC CURVES D max T max P ±0.5 d nom 6.5 5 3.5 0.5 * All sizes in mm D T d P C6A03 REV 2004.11.15 V-I CHARACTERISTIC CURVE 100000 0.2 0.1 0.5 1 2 5 10 20 50 100 CURRENT (mA) 1 2 5 10 20 50 100 200 500 1000 2000 5000 10000 20000 50000 0. 05 W 0. 1W 0. 2W 2M W 1M W 50 0K W 0. 5W 1W 2W 10 0K W 50 KW 5W 20 0K W 10 W 20 KW 20 W 10 KW 50 W 5K W 2K W 1K W 50 0W 20 0W 10 0W TC 005 - 1 51 TC 00 5 - 10 1 TC 00 5 - 85 0 TC 00 5 - 55 0 TC 00 5 - 45 0 TC 00 5 - 15 0 TC 00 5 - 10 0 TC 00 5 - 5R 0 TC 00 5 - 3R 0 R-T CHARACTERISTIC CURVE 0.1 1 10 100 1000 10000 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 RESISTANCE - TEMPERATURE CURVE OF TC SERIES TC 00 5 - 15 1 TC 00 5 - 10 1 TC 00 5 - 85 0 TC 00 5 - 55 0 TC 00 5 - 45 0 TC 00 5 - 15 0 TC 00 5 - 10 0 TC 00 5 - 5R 0 TC 00 5 - 3R 0 RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
Numéro de pièce similaire - TC005-153 |
|
Description similaire - TC005-153 |